Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7402DN Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI7402DN
Description  N-Channel 12-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7402DN Datasheet(HTML) 4 Page - Vishay Siliconix

  SI7402DN Datasheet HTML 1Page - Vishay Siliconix SI7402DN Datasheet HTML 2Page - Vishay Siliconix SI7402DN Datasheet HTML 3Page - Vishay Siliconix SI7402DN Datasheet HTML 4Page - Vishay Siliconix SI7402DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si7402DN
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72646
S-32522—Rev. A, 08-Dec-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
−0.5
−0.4
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
−50
−25
0
25
50
75
100
125
150
ID = 250 mA
Threshold Voltage
TJ − Temperature (_C)
10−3
10−2
1
10
600
10−1
10−4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 65_C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
0
10
50
Single Pulse Power, Junction-to-Ambient
Time (sec)
30
40
0.1
1000
1
0.01
20
10
100
Safe Operating Area
VDS − Drain-to-Source Voltage (V)
1000
10
0.1
1
10
100
0.01
100
1
TA = 25_C
Single Pulse
0.1
1 ms
10 ms
100 ms
dc, 100 s
100 ms, 10 ms
Limited
by rDS(on)
1 s
10 s


Similar Part No. - SI7402DN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SI7401DN AD-SI7401DN Datasheet
416Kb / 24P
   Thermoelectric Cooler Controller
REV. C
logo
Vishay Siliconix
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
logo
Analog Devices
Si7401DN AD-Si7401DN Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
logo
Vishay Siliconix
SI7401DN-RC VISHAY-SI7401DN-RC Datasheet
239Kb / 3P
   R-C Thermal Model Parameters
Revision 03-Mar-06
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
More results

Similar Description - SI7402DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com