Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTXV1N6773R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # JANTXV1N6773R
Description  16 Amp, 50 To 600 Volts, 35 To 60 ns trr
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JANTXV1N6773R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  JANTXV1N6773R Datasheet HTML 1Page - List of Unclassifed Manufacturers JANTXV1N6773R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246
Visit Our Web Site at www.omnirel.com
TC= 150°C
100
10
50
20
1.0
5.0
2.0
0.1
0.5
0.2
0.01
0.05
0.02
100
150 200
250 300 350 400
450 500 550 600
100
°C
25
°C
TYPICAL REVERSE CURRENT
1N6772, 1N6773
100
10
50
20
1.0
5.0
2.0
0.1
0.5
0.2
0.01
0.05
0.02
0
20
40
60
80
100 120
140 160 180 200
TC= 150°C
100
°C
25
°C
100
50
30
20
10
5.0
3.0
2.0
1.0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TC= 125°C
25
°C
-55
°C
VF = INSTANTANEOUS VOLTAGE (VOLTS)
100
50
30
20
10
5.0
3.0
2.0
1.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TC= 125°C
25
°C
-55
°C
VF = INSTANTANEOUS VOLTAGE (VOLTS)
TYPICAL REVERSE CURRENT
1N6768, 1N6769, 1N6770, 1N6771
VR = REVERSE VOLTAGE (VOLTS)
VR = REVERSE VOLTAGE (VOLTS)
1N6768, 1N6768R JAN1N6768, JAN1N6768R, JANTX1N6768, JANTX1N6768R, JANTXV1N6768, JANTXV1N6768R
1N6769, 1N6769R JAN1N6769, JAN1N6769R, JANTX1N6769, JANTX1N6769R, JANTXV1N6769, JANTXV1N6769R
1N6770, 1N6770R JAN1N6770, JAN1N6770R, JANTX1N6770, JANTX1N6770R, JANTXV1N6770, JANTXV1N6770R
1N6771, 1N6771R JAN1N6771, JAN1N6771R, JANTX1N6771, JANTX1N6771R, JANTXV1N6771, JANTXV1N6771R
1N6772, 1N6772R JAN1N6772, JAN1N6772R, JANTX1N6772, JANTX1N6772R, JANTXV1N6772, JANTXV1N6772R
1N6773, 1N6773R JAN1N6773, JAN1N6773R, JANTX1N6773, JANTX1N6773R, JANTXV1N6773, JANTXV1N6773R
ELECTRICAL CHARACTERISTICS (Per Diode)
MIL
Maximum
Maximum
Maximum
Maximum
PRF
Type
PIV
Forward Voltage
Reverse Current
Reverse
Thermal
19500
(Volts) (1)
@ .8 PIV
Recovery
Resist.
Tj= 25° C
Tj= -55° C
Tj= 25° C Tj= 100° C
Time (2)
R q
qJC
1N6768,
1N6768R
50
644
1N6769,
1N6769R
100
.97V @ 4A
1.17V@8A
10 µA
250 µA
35 nsec
3.8
1N6770,
1N6770R
150
1.06V@8A
1N6771,
1N6771R
200
645
1N6772,
1N6772R
400
1.45V @ 4A
1.80V @ 8A
10 µA
500 µA
60 nsec
2.5
1N6773,
1N6773R
600
1.60V @ 8A
(1) Pulse Test: Pulse Width = 300µs, Duty Cycle
2.0%.
(2) Measured in Circuit: IF = 1.0 A, di/dt= 50 A/µs
TYPICAL FORW ARD VOLTA G E
1N6768, 1N6769, 1N6770, 1N6771
TYPICAL FORW ARD VOLTA G E
1N6772, 1N6773


Similar Part No. - JANTXV1N6773R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTXV1N6778 IRF-JANTXV1N6778 Datasheet
18Kb / 1P
   400V & 600V, 15A, Ultra-Fast Power Rectifiers in TO-257AA Hermetic 2 Pin Package
JANTXV1N6779 IRF-JANTXV1N6779 Datasheet
18Kb / 1P
   400V & 600V, 15A, Ultra-Fast Power Rectifiers in TO-257AA Hermetic 2 Pin Package
More results

Similar Description - JANTXV1N6773R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM5201STRT IRF-OM5201STRT_15 Datasheet
25Kb / 2P
   16 Amp, 50 To 600 Volts, 35 To 50 ns trr
OM5001ST IRF-OM5001ST_15 Datasheet
39Kb / 2P
   15 Amp, 50 To 600 Volts, 35 To 50 ns trr
OM5209SC IRF-OM5209SC_15 Datasheet
23Kb / 2P
   15 Amp, 50 To 400 Volts, 35 To 50 ns trr
OM5221SM IRF-OM5221SM Datasheet
13Kb / 1P
   Hermetic Surface Mount Package, 20 Amp, 50 To 200 Volts, 35 ns trr
OM5008ST IRF-OM5008ST_15 Datasheet
23Kb / 2P
   14 Amp, 400 & 600 Volts, 35 nsec trr
logo
Micro Commercial Compon...
DR351 MCC-DR351 Datasheet
282Kb / 2P
   35 Amp Automotive Rectifier 100 to 600 Volts
MURB1605CT MCC-MURB1605CT Datasheet
105Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1605FCT MCC-MUR1605FCT Datasheet
78Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1615FCT KERSEMI-MUR1615FCT Datasheet
797Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1640FCT KERSEMI-MUR1640FCT Datasheet
796Kb / 2P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com