Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5430DDAR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5430DDAR
Description  5.5-V to 36-V, 3-A STEP-DOWN SWIFT CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5430DDAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS5430DDAR Datasheet HTML 3Page - Texas Instruments TPS5430DDAR Datasheet HTML 4Page - Texas Instruments TPS5430DDAR Datasheet HTML 5Page - Texas Instruments TPS5430DDAR Datasheet HTML 6Page - Texas Instruments TPS5430DDAR Datasheet HTML 7Page - Texas Instruments TPS5430DDAR Datasheet HTML 8Page - Texas Instruments TPS5430DDAR Datasheet HTML 9Page - Texas Instruments TPS5430DDAR Datasheet HTML 10Page - Texas Instruments TPS5430DDAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
APPLICATION INFORMATION
FUNCTIONAL BLOCK DIAGRAM
VIN
UVLO
ENABLE
Thermal
Protection
Reference
Overcurrent
Gate Drive
Oscillator
Ramp
Generator
VREF
PH
ENA
GND
SHDN
SHDN
BOOT
Z1
Z2
SHDN
SHDN
SHDN
SHDN
VIN
SHDN
HICCUP
HICCUP
SHDN
SHDN
NC
Feed Forward
BOOT
NC
POWERPAD
VIN
VOUT
TPS5430
5 µA
1.221 V Bandgap
Slow Start
Boot
Regulator
Error
Amplifier
Gain = 25
PWM
Comparator
Protection
Gate
Driver
Control
VSENSE
DETAILED DESCRIPTION
Oscillator Frequency
Voltage Reference
Enable (ENA) and Internal Slow Start
TPS5430
SLVS632 – JANUARY 2006
The internal free running oscillator sets the PWM switching frequency at 500 kHz. The 500 kHz switching
frequency allows less output inductance for the same output ripple requirement resulting in a smaller output
inductor.
The voltage reference system produces a precision reference signal by scaling the output of a temperature
stable bandgap circuit. The bandgap and scaling circuits are trimmed during production testing to an output of
1.221 V at room temperature.
The ENA pin provides electrical on/off control of the regulator. Once the ENA pin voltage exceeds the threshold
voltage, the regulator starts operation and the internal slow start begins to ramp. If the ENA pin voltage is pulled
below the threshold voltage, the regulator stops switching and the internal slow start resets. Connecting the pin
to ground or to any voltage less than 0.5 V will disable the regulator and activate the shutdown mode. The
quiescent current of the TPS5430 in shutdown mode is typically 18
µA.
The ENA pin has an internal pullup current source, allowing the user to float the ENA pin. If an application
requires controlling the ENA pin, use open drain or open collector output logic to interface with the pin. To limit
the start-up inrush current, an internal slow start circuit is used to ramp up the reference voltage from 0 V to its
final value linearly. The internal slow start time is 8ms typically.
7


Similar Part No. - TPS5430DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430DDAR TI-TPS5430DDAR Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430DDAR TI1-TPS5430DDAR Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5430DDARG4 TI-TPS5430DDARG4 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430DDARG4 TI1-TPS5430DDARG4 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
More results

Similar Description - TPS5430DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
LMR33630-Q1 TI1-LMR33630-Q1_18 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630-Q1_1811 TI1-LMR33630-Q1_1811 Datasheet
2Mb / 44P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630-Q1 TI1-LMR33630-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
TPS54317 TI-TPS54317_15 Datasheet
812Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER
TPS50301-HT TI-TPS50301-HT Datasheet
609Kb / 28P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 3-A/6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54317 TI-TPS54317 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
LM61460 TI1-LM61460 Datasheet
87Kb / 6P
[Old version datasheet]   3-V to 36-V, 6-A, Low-Noise Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com