Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54622A Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 54622A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54622A Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  54622A Datasheet HTML 1Page - Agilent(Hewlett-Packard) 54622A Datasheet HTML 2Page - Agilent(Hewlett-Packard) 54622A Datasheet HTML 3Page - Agilent(Hewlett-Packard) 54622A Datasheet HTML 4Page - Agilent(Hewlett-Packard) 54622A Datasheet HTML 5Page - Agilent(Hewlett-Packard) 54622A Datasheet HTML 6Page - Agilent(Hewlett-Packard) 54622A Datasheet HTML 7Page - Agilent(Hewlett-Packard) 54622A Datasheet HTML 8Page - Agilent(Hewlett-Packard) 54622A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Agilent Technologies
54600-Series Oscilloscopes
Data Sheet
Multiple configurations to
meet your needs
If you work with both analog
and digital components, Agilent
Technologies 54600-Series
oscilloscopes can help you easily
see more of what's going on in
your designs. The unique 2 +
16-channel mixed signal oscillo-
scope (MSO) models and the tra-
ditional 2- and 4-channel models
are optimized with just the capa-
bilities you need for verifying and
debugging designs that include
A/Ds, D/As, DSPs, and embedded
8- or 16-bit microcontrollers.
These scopes give you the tools
you need to solve your mixed
analog and digital engineering
challenges more easily.
Ideal for mixed analog and
digital analysis
Ideal for analyzing designs with
both analog and digital com-
ponents, the 54600-Series scopes
combine three critical features:
• Up to 8 MB of MegaZoom deep
memory come standard so you
can capture long, non-repeat-
ing signals, maintain high sam-
ple rate, and quickly zoom in
on areas of interest
• A revolutionary ultra-respon-
sive, high-definition display
that lets you see more signal
detail than ever before
• Flexible triggering that lets you
easily isolate and analyze the
complex signals and fault
conditions common in mixed
analog and digital designs.
I2C, CAN, LIN, USB, and SPI
triggering come standard.
N2758A CAN trigger module
option is also available.
This combination of capabilities
is tailored to give you the meas-
urement power you need to get
your mixed analog and digital job
done faster.
At Agilent Technologies, we focus
on developing products that help
you do your job better. That’s
why 54600-Series scopes are
optimized for your needs. Choose
the one that’s right for your
application and your budget.
Easily see what's happening in your
mixed analog and digital designs
• 60 to 500 MHz, up to 2 GSa/s
• Unique 2 + 16-channel MSO
and 2- or 4-channel models
• 4 MB to 8 MB MegaZoom deep
memory standard
• Patented high-definition
display system
• Flexible triggering including CAN,
I2C, LIN, SPI, and USB
• Deep memory transfer over
the interface bus


Similar Part No. - 54622A

ManufacturerPart #DatasheetDescription
logo
Heyco.
5462 HEYCO-5462 Datasheet
380Kb / 2P
   Full Thickness Male Blades
logo
Keysight Technologies
54620-68701 KEYSIGHT-54620-68701 Datasheet
4Mb / 17P
   Low-Profile Oscilloscopes
logo
Festo Corporation.
546256 FESTO-546256 Datasheet
101Kb / 2P
   Air solenoid valve
546257 FESTO-546257 Datasheet
99Kb / 2P
   Air solenoid valve
546258 FESTO-546258 Datasheet
98Kb / 2P
   Air solenoid valve
More results

Similar Description - 54622A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8805A KEYSIGHT-N8805A Datasheet
9Mb / 8P
   Series Oscilloscopes
DSOXT3CXPI KEYSIGHT-DSOXT3CXPI Datasheet
2Mb / 26P
   X-Series Oscilloscopes
N8811A KEYSIGHT-N8811A Datasheet
1Mb / 7P
   Infiniium Series Oscilloscopes
N6465A KEYSIGHT-N6465A Datasheet
3Mb / 9P
   Infiniium Series Oscilloscopes
E2666B KEYSIGHT-E2666B Datasheet
2Mb / 26P
   X-Series Oscilloscopes
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES_17 Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com