Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54641A Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # 54641A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54641A Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button 54641A Datasheet HTML 4Page - Agilent(Hewlett-Packard) 54641A Datasheet HTML 5Page - Agilent(Hewlett-Packard) 54641A Datasheet HTML 6Page - Agilent(Hewlett-Packard) 54641A Datasheet HTML 7Page - Agilent(Hewlett-Packard) 54641A Datasheet HTML 8Page - Agilent(Hewlett-Packard) 54641A Datasheet HTML 9Page - Agilent(Hewlett-Packard) 54641A Datasheet HTML 10Page - Agilent(Hewlett-Packard) 54641A Datasheet HTML 11Page - Agilent(Hewlett-Packard) 54641A Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
Triggering
Flexible Triggering
With mixed analog and digital
designs, sometimes it is hard to
trace an anomaly back to its root
cause unless you can trigger on it
and correlate it with another
signal. With the 54600-Series
scopes, triggering is no longer a
hassle. They come with flexible
triggering capabilities across all
channels so you can easily isolate
and analyze complex signals and
interactions common in your
mixed analog and digital designs.
CAN, LIN, and USB Triggering
Controller Area Network (CAN)
and Universal Serial Bus (USB)
triggering comes standard with
the 54600-Series scopes. These
triggering modes make it easy to
synchronize CAN, LIN, and USB
frames. Don’t waste time finding
the start of the complex frames –
let Agilent do it for you.
CAN triggering synchronizes to
the start of a CAN frame on any
CAN high or CAN low signal.
Trigger on LIN (local interconnect
network) sync break at the begin-
ning of a message frame.
Figure 5. Easily synchronize to a
USB packet.
Figure 6. Make your automotive and industrial testing easier.
CAN triggering synchronizes to the start of a CAN frame on any
CAN high or CAN low signal.
USB is quickly becoming the
connection of choice for PC
peripherals. Make your testing
easy with Start of Packet (SOP),
End of Packet (EOP), Reset
Complete (RC), Enter Suspend,
or Exit Suspend modes.
The N2758A CAN trigger module
option enables the MSO to isolate
and trigger on a particular
frame’s content. For more
information , see page 7.


Similar Part No. - 54641A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
546412 FESTO-546412 Datasheet
47Kb / 1P
   Round cylinder
More results

Similar Description - 54641A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8805A KEYSIGHT-N8805A Datasheet
9Mb / 8P
   Series Oscilloscopes
DSOXT3CXPI KEYSIGHT-DSOXT3CXPI Datasheet
2Mb / 26P
   X-Series Oscilloscopes
N8811A KEYSIGHT-N8811A Datasheet
1Mb / 7P
   Infiniium Series Oscilloscopes
N6465A KEYSIGHT-N6465A Datasheet
3Mb / 9P
   Infiniium Series Oscilloscopes
E2666B KEYSIGHT-E2666B Datasheet
2Mb / 26P
   X-Series Oscilloscopes
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES_17 Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com