Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54642A Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # 54642A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54642A Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button 54642A Datasheet HTML 2Page - Agilent(Hewlett-Packard) 54642A Datasheet HTML 3Page - Agilent(Hewlett-Packard) 54642A Datasheet HTML 4Page - Agilent(Hewlett-Packard) 54642A Datasheet HTML 5Page - Agilent(Hewlett-Packard) 54642A Datasheet HTML 6Page - Agilent(Hewlett-Packard) 54642A Datasheet HTML 7Page - Agilent(Hewlett-Packard) 54642A Datasheet HTML 8Page - Agilent(Hewlett-Packard) 54642A Datasheet HTML 9Page - Agilent(Hewlett-Packard) 54642A Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Deep memory transfer over
the bus
Transfer all of your data over the
bus, even when using deep
memory. Typical transfer time
is <70 seconds for 2 MB of data
over GPIB.
The 54640-Series requires soft-
ware revision 1.0 or later. The
54620-Series requires software
revision 1.5 or later. The system
software is stored in FLASH ROM
that can be upgraded easily from
a built-in floppy disk drive in the
scope. Visit the 54620-Series
customer web site at:
www.agilent.com/find/5462xsw
for a free copy of the system
software and the IntuiLink Data
Capture application to pull the
data out of the scope to the PC.
Other standard features
• Waveform math with FFTs:
Analysis functions include -, *,
Integrate, and Differentiate,
as well as Fast Fourier
Transforms.
• 1-ns peak detect on the
54640-Series and 5-ns peak
detect on the 54620-Series
means you won’t have to worry
about missing narrow glitches.
• Autoscale lets you quickly dis-
play any active signals, auto-
matically setting the vertical,
horizontal and trigger controls
for the best display.
• Printer connectivity is easy
for HP Deskjets, Laserjets,
Epson, or integrated thermal
printer option with the stan-
dard parallel port on the rear
panel.
• High resolution mode offers
up to 12 bits of resolution in
real-time (single-shot) modes,
reducing noise. This is accom-
plished by averaging sequential
data points and mapping the
average to the display when at
slow sweep speeds.
• 1-year warranty: All
54600-Series scopes include a
full 1-year warranty with
optional 3-year and 5-year
warranty coverage.
• Money-back guarantee: Get a
full refund if you’re not satis-
fied with your purchase for
any reason. See page 24 for
more information.
Affordable and Responsive (continued)


Similar Part No. - 54642A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54642-0439 MOLEX7-54642-0439 Datasheet
131Kb / 3P
   0.80mm (.031") Pitch IEEE 1394a-2000 Shielded I/O PCB Socket, Right Angle, MiniType, Lead-free
54642-0471 MOLEX7-54642-0471 Datasheet
189Kb / 4P
   0.80mm (.031") Pitch IEEE 1394a-2000 Shielded I/O PCB Socket, Right Angle, MiniType, Reel, Lead-free
logo
Festo Corporation.
546422 FESTO-546422 Datasheet
64Kb / 1P
   Basic valve
546423 FESTO-546423 Datasheet
65Kb / 1P
   Basic valve
546424 FESTO-546424 Datasheet
95Kb / 1P
   Basic valve
More results

Similar Description - 54642A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8805A KEYSIGHT-N8805A Datasheet
9Mb / 8P
   Series Oscilloscopes
DSOXT3CXPI KEYSIGHT-DSOXT3CXPI Datasheet
2Mb / 26P
   X-Series Oscilloscopes
N8811A KEYSIGHT-N8811A Datasheet
1Mb / 7P
   Infiniium Series Oscilloscopes
N6465A KEYSIGHT-N6465A Datasheet
3Mb / 9P
   Infiniium Series Oscilloscopes
E2666B KEYSIGHT-E2666B Datasheet
2Mb / 26P
   X-Series Oscilloscopes
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES_17 Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com