Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMG-SSC12A64 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LMG-SSC12A64
Description  DOT MATRIX LIQUID CRYSTAL DISPLAY MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LMG-SSC12A64 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  LMG-SSC12A64 Datasheet HTML 1Page - List of Unclassifed Manufacturers LMG-SSC12A64 Datasheet HTML 2Page - List of Unclassifed Manufacturers LMG-SSC12A64 Datasheet HTML 3Page - List of Unclassifed Manufacturers LMG-SSC12A64 Datasheet HTML 4Page - List of Unclassifed Manufacturers LMG-SSC12A64 Datasheet HTML 5Page - List of Unclassifed Manufacturers LMG-SSC12A64 Datasheet HTML 6Page - List of Unclassifed Manufacturers LMG-SSC12A64 Datasheet HTML 7Page - List of Unclassifed Manufacturers LMG-SSC12A64 Datasheet HTML 8Page - List of Unclassifed Manufacturers LMG-SSC12A64 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
0 1 2 3 4 5 .............................................................................................................................61 62 63
DB0
I
DB7
PAGE 0
X=0
DB0
I
DB7
PAGE 1
X=1
I
DB0
I
DB7
PAGE 6
X=6
DB0
I
DB7
PAGE 7
X=7
Address Configuration of Display RAM
(5) Status Read
R/W
D/I
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Code
1
0
BUSY
0
ON/OFF
RESET
0
0
0
0
BUSY :
When BUSY is 1, The LSI is in internal operation.
No instructions are accepted while BUSY is
1, so you should make sure that BUSY is 0 before writing the next instruction.
ON/OFF: This bit show the liquid crystal conditions ON condition or OFF condition.
When ON/OFF is 1, the display is on OFF condition.
When ON/OFF is 0, the display on ON condition.
RESET:
RESET=1 shows that the system is being initialized.
In this condition, any instructions except
Status Read instruction cannot be accepted.
RESET=0 shows that initializing has finished and system is in the usual operation.
(6) Write Display Data
R/W
D/I
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Code
0
1
D
D
D
D
D
D
D
D
Writes 8-bit data DDDDDDDD (binary) into display data RAM.
The Y address is increased by 1
automatically.
(7)
Read Display Data
R/W
D/I
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Code
1
1
D
D
D
D
D
D
D
D
Reads out 8-bit data DDDDDDDD (binary) from the display data RAM.
The Y address is increased by 1
automatically. One dummy read is necessary soon after the address setting.
12. Initializing And Programming
PAGE 5 (LMG-SSC12A64 Serial)


Similar Part No. - LMG-SSC12A64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMG002 ETC2-LMG002 Datasheet
553Kb / 1P
   Two Stage Linear Amplifier
logo
SunLED Corporation
LMG04D SUNLED-LMG04D Datasheet
184Kb / 4P
   1.5mm SIDE LOOK LED
logo
Texas Instruments
LMG1020 TI1-LMG1020 Datasheet
389Kb / 19P
[Old version datasheet]   5-V, 7-A, 5-A Low-Side GaN Driver With 60-MHz, 1-ns Speed
LMG1020YFFR TI1-LMG1020YFFR Datasheet
389Kb / 19P
[Old version datasheet]   5-V, 7-A, 5-A Low-Side GaN Driver With 60-MHz, 1-ns Speed
LMG1020YFFT TI1-LMG1020YFFT Datasheet
389Kb / 19P
[Old version datasheet]   5-V, 7-A, 5-A Low-Side GaN Driver With 60-MHz, 1-ns Speed
More results

Similar Description - LMG-SSC12A64

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Sanyo Semicon Device
DS2023 SANYO-DS2023 Datasheet
251Kb / 9P
   20 CHARACTERS * 2 LINES LIQUID CRYSTAL DOT MATRIX DISPLAY MODULE
logo
Hitachi Semiconductor
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com