Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM31096SA20TATY Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PDM31096SA20TATY
Description  4 Megabit 3.3V Static RAM 512K x 8-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PDM31096SA20TATY Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PDM31096SA20TATY Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM31096SA20TATY Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM31096SA20TATY Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM31096SA20TATY Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM31096SA20TATY Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM31096SA20TATY Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM31096SA20TATY Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM31096SA20TATY Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 2.4 - 5/27/98
1
1
2
3
4
5
6
7
8
9
10
11
12
PRELIMINARY
4 Megabit 3.3V Static RAM
512K x 8-Bit
Features
n High-speed access times
Com’l: 8, 10, 12, 15, and 20 ns
Ind’l.: 12, 15 and 20 ns
n Low power operation
- PDM31096SA
Active: 300 mA (Max)
Standby: 25mW
n Single +3.3V (±0.3V) power supply
n TTL-compatible inputs and outputs
n Packages
Plastic SOJ (400 mil) - SO
Plastic TSOP (II) - T
Description
The PDM31096 is a high-performance CMOS static
RAM organized as 524,288 x 8 bits. Writing is
accomplished when the write enable (WE) and chip
enable CE inputs are both LOW. Reading is
accomplished when WE remains HIGH and CE and
OE are both LOW.
The PDM31096 operates from a single +3.3V power
supply and all the inputs and outputs are fully TTL-
compatible.
The PDM31096 is available in a 36-pin 400-mil plas-
tic SOJ package and a 44-pin plastic TSOP (II)
package.
PDM31096
A
A
0
18
I/O
I/O
0
7
Addresses
Decoder
Memory
Matrix
Input
Data
Control
Column I/O
•••••
CE
WE
OE
Functional Block Diagram


Similar Part No. - PDM31096SA20TATY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
PDM31584SA10SO ETC1-PDM31584SA10SO Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
PDM31584SA10SOA ETC1-PDM31584SA10SOA Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
PDM31584SA10SOATR ETC1-PDM31584SA10SOATR Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
PDM31584SA10SOATY ETC1-PDM31584SA10SOATY Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
More results

Similar Description - PDM31096SA20TATY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V424 IDT-IDT71V424 Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT)
71V424S15YGI IDT-71V424S15YGI Datasheet
128Kb / 9P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
logo
Renesas Technology Corp
71V424 RENESAS-71V424 Datasheet
189Kb / 11P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
May.04.21
logo
Cypress Semiconductor
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com