Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM31096SA8TTY Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PDM31096SA8TTY
Description  4 Megabit 3.3V Static RAM 512K x 8-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PDM31096SA8TTY Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PDM31096SA8TTY Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM31096SA8TTY Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM31096SA8TTY Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM31096SA8TTY Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM31096SA8TTY Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM31096SA8TTY Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM31096SA8TTY Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM31096SA8TTY Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PDM31096
2
Rev. 2.4 - 5/27/98
PRELIMINARY
Truth Table(1)
NOTE: 1. H = VIH, L = VIL, X = DON’T CARE
OE
WE
CE
I/O
MODE
X
X
H
Hi-Z
Standby
X
X
X
Hi-Z
Standby
LH
L
DOUT
Read
XL
L
DIN
Write
H
H
L
Hi-Z
Output Disable
Pin Description
Name
Description
A18-A0
Address Inputs
I/O7-I/O0
Data Inputs/Outputs
OE
Output Enable Input
WE
Write Enable Input
CE
Chip Enable Inputs
NC
No Connect
VCC
Power (+3.3V)
VSS
Ground
1
2
3
4
5
6
7
8
9
10
11
12
15
16
17
18
23
24
25
26
27
28
A4
A3
A2
A1
A0
CE
I/O0
I/O1
Vcc
Vss
I/O2
I/O3
WE
A18
A17
A16
A15
A14
NC
A5
A6
A7
A8
OE
I/O7
I/O6
Vss
Vcc
I/O5
I/O4
A9
A10
A11
A12
A13
NC
13
14
29
30
31
36
32
33
34
35
19
20
21
22
1
2
3
4
5
6
7
8
9
10
11
12
15
16
29
30
31
32
NC
NC
A4
A3
A2
A1
A0
CE
I/OO
I/O1
Vcc
Vss
I/O2
I/O3
WE
A18
A17
A16
A15
A14
NC
NC
NC
NC
NC
A5
A6
A7
A8
OE
I/O7
I/O6
Vss
Vcc
I/O5
I/O4
A9
A10
A11
A12
A13
NC
NC
NC
13
14
33
34
35
36
37
38
39
40
41
42
43
44
19
20
21
22
17
18
23
24
25
26
27
28
SOJ
TSOP (II)
Absolute Maximum Ratings (1)
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. Appropriate thermal calculations should be performed in all cases and specifically for
those where the chosen package has a large thermal resistance (e.g., TSOP). The cal-
culation should be of the form: Tj = Ta + P * θja where Ta is the ambient temperature, P
is average operating power and
θ
ja the thermal resistance of the package. For this
product, use the following
θ
ja value:
SOJ: 59o C/W
TSOP : TBD
Symbol
Rating
Com’l.
Ind.
Unit
VTERM
Terminal Voltage with Respect to VSS
–0.5 to +4.6
–0.5 to +4.6
V
TBIAS
Temperature Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
1.0
1.0
W
IOUT
DC Output Current
50
50
mA
Tj
Maximum Junction Temperature (2)
125
145
°C
Pin Configuration


Similar Part No. - PDM31096SA8TTY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
PDM31584SA10SO ETC1-PDM31584SA10SO Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
PDM31584SA10SOA ETC1-PDM31584SA10SOA Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
PDM31584SA10SOATR ETC1-PDM31584SA10SOATR Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
PDM31584SA10SOATY ETC1-PDM31584SA10SOATY Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
More results

Similar Description - PDM31096SA8TTY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V424 IDT-IDT71V424 Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT)
71V424S15YGI IDT-71V424S15YGI Datasheet
128Kb / 9P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
logo
Renesas Technology Corp
71V424 RENESAS-71V424 Datasheet
189Kb / 11P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
May.04.21
logo
Cypress Semiconductor
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com