Electronic Components Datasheet Search |
|
SSY39V400704CB32 Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc |
|
SSY39V400704CB32 Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc |
9 / 20 page Data Sheet 2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A 9 ©2001 Silicon Storage Technology, Inc. S71117-04-000 6/01 360 TABLE 6: SYSTEM INTERFACE INFORMATION FOR SST39LF200A/400A/800A AND SST39VF200A/400A/800A Address Data Data 1BH 0027H1 VDD Min. (Program/Erase) 0030H1 DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts 1CH 0036H VDD Max. (Program/Erase) DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts 1DH 0000H VPP min. (00H = no VPP pin) 1EH 0000H VPP max. (00H = no VPP pin) 1FH 0004H Typical time out for Word-Program 2N µs (24 = 16 µs) 20H 0000H Typical time out for min. size buffer program 2N µs (00H = not supported) 21H 0004H Typical time out for individual Sector/Block-Erase 2N ms (24 = 16 ms) 22H 0006H Typical time out for Chip-Erase 2N ms (26 = 64 ms) 23H 0001H Maximum time out for Word-Program 2N times typical (21 x 24 = 32 µs) 24H 0000H Maximum time out for buffer program 2N times typical 25H 0001H Maximum time out for individual Sector/Block-Erase 2N times typical (21 x 24 = 32 ms) 26H 0001H Maximum time out for Chip-Erase 2N times typical (21 x 26 = 128 ms) T6.2 360 1. 0030H for SST39LF200A/400A/800A and 0027H for SST39VF200A/400A/800A TABLE 7: DEVICE GEOMETRY INFORMATION FOR SST39LF/VF200A Address Data Data 27H 0012H Device size = 2N Byte (12H = 18; 218 = 256 KBytes) 28H 0001H Flash Device Interface description; 0001H = x16-only asynchronous interface 29H 0000H 2AH 0000H Maximum number of byte in multi-byte write = 2N (00H = not supported) 2BH 2CH 0002H Number of Erase Sector/Block sizes supported by device 2DH 003FH Sector Information (y + 1 = Number of sectors; z x 256B = sector size) 2EH 0000H y = 63 + 1 = 64 sectors (003FH = 63) 2FH 0010H 30H 0000H z = 16 x 256 Bytes = 4 KBytes/sector (0010H = 16) 31H 0003H Block Information (y + 1 = Number of blocks; z x 256B = block size) 32H 0000H y = 3 + 1 = 4 blocks (0003H = 3) 33H 0000H 34H 0001H z = 256 x 256 Bytes = 64 KBytes/block (0100H = 256) T7.2 360 |
Similar Part No. - SSY39V400704CB32 |
|
Similar Description - SSY39V400704CB32 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |