Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9216-40PCB Datasheet(PDF) 4 Page - Analog Devices

Part # AD9216-40PCB
Description  10-Bit, 65/80/105 MSPS Dual A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9216-40PCB Datasheet(HTML) 4 Page - Analog Devices

  AD9216-40PCB Datasheet HTML 1Page - Analog Devices AD9216-40PCB Datasheet HTML 2Page - Analog Devices AD9216-40PCB Datasheet HTML 3Page - Analog Devices AD9216-40PCB Datasheet HTML 4Page - Analog Devices AD9216-40PCB Datasheet HTML 5Page - Analog Devices AD9216-40PCB Datasheet HTML 6Page - Analog Devices AD9216-40PCB Datasheet HTML 7Page - Analog Devices AD9216-40PCB Datasheet HTML 8Page - Analog Devices AD9216-40PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD9216
Preliminary Technical Data
Rev. PrD
Page 4 of 20
6/15/2004
DC SPECIFICATIONS (CONTINUED)
Table 2. (AVDD = 3 V, DRVDD = 2.5 V, Maximum Sample Rate, CLK_A = CLK_B; AIN = -0.5 dBFS Differential Input, 1.0 V
Internal Reference, TMIN to TMAX, unless otherwise noted.)
Test
AD9216BCP-65/80
AD9216BCP-105
Unit
Parame ter
Temp
Level
Min
Typ
Max
Min
Typ
Max
LOGIC INPUTS
High Level Input Voltage
Full
IV
2.0
2.0
V
Low Level Input Voltage
Full
IV
0.8
0.8
V
High Level Input Current
Full
IV
- 10
+10
- 10
+10
µA
Low Level Input Current
Full
IV
- 10
+10
- 10
+10
µA
Input Capacitance
Full
IV
2
2
pF
LOGIC OUTPUTS
1
DRVDD = 2.5V
High Level Output
Voltage
Full
IV
2.45
2.45
V
Low Level Output Voltage
Full
IV
0.05
0.05
V
1 Output Voltage Levels measured with 5 pF load on each output.
Specifications subject to change without notice.
SWITCHING SPECIFICATIONS
Table 3. Switching Specifications
Test
AD9216BCP-65/80
AD9216BCP-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
SWITCHING PERFORMANCE
Max Conversion Rate
Full
VI
65/80
105
MSPS
Min Conversion Rate
Full
V
1
1
MSPS
CLK Period
Full
V
15.4/12.2
9.5
ns
CLK Pulsewidth High
1
Full
V
6.2/5
4.2
ns
CLK Pulsewidth Low
1
Full
V
6.2/5
4.2
ns
DATA OUTPUT PARAMETER
Output Delay
2 (t
PD)
Full
VI
2.0
4.8
6.0
2.0
4.8
6.0
ns
Pipeline Delay (Latency)
Full
V
6
6
Cycles
Aperture Delay (tA)
Full
V
1.0
1.0
ns
Aperture Uncertainty (tJ)
Full
V
0.5
0.5
ps rms
Wake-Up Time
3
Full
V
2.5
2.5
ms
OUT-OF-RANGE RECOVERY
TIME
Full
V
2
2
1
The AD9216 has a duty cycle stabilizer circuit that, when enabled, corrects for a wide range of duty cycles (see TPC xx).
2
Output delay is measured from CLOCK 50% transition to DATA 50% transition, with a 5 pF load on each output.
3
Wake-up time is dependent on the value of the decoupling capacitors; typical values shown with 0.1 µF and 10 µF capacitors on REFT and REFB.
Specifications subject to change without notice.
t
A
t
PD
N–8
N–7
N–6
N–5
N–4
N–3
N–2
N-1
N
N+1
ANALOG
INPUT
CLK
DATA
OUT
N–1
N
N+1
N+2
N+3
N+4
N+5
N+6
N+7
N+8
Figure 2. Timing Diagram


Similar Part No. - AD9216-40PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9216-105PCB AD-AD9216-105PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9216-105PCB AD-AD9216-105PCB Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9216-80PCB AD-AD9216-80PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9216-80PCB AD-AD9216-80PCB Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
More results

Similar Description - AD9216-40PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com