Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM120616 Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM120616
Description  ESD Protection Arrays, Chip Scale Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM120616 Datasheet(HTML) 6 Page - California Micro Devices Corp

  CM120616 Datasheet HTML 1Page - California Micro Devices Corp CM120616 Datasheet HTML 2Page - California Micro Devices Corp CM120616 Datasheet HTML 3Page - California Micro Devices Corp CM120616 Datasheet HTML 4Page - California Micro Devices Corp CM120616 Datasheet HTML 5Page - California Micro Devices Corp CM120616 Datasheet HTML 6Page - California Micro Devices Corp CM120616 Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
06/28/04
CM1206
Mechanical Details (cont’d)
CM1206-08 10-bump CSP Mechanical Specifications
The CM1206-08 devices are packaged in a 6-bump
custom Chip Scale Package (CSP). Dimensions are
presented below.
Package Dimensions for
CM1206-08 10-bump Chip Scale Package
CSP Tape and Reel Specifications
Figure 5. Tape and Reel Mechanical Data
PACKAGE DIMENSIONS
Package
Custom CSP
Bumps
10
Dim
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A1
1.109
1.154
1.199
0.0437
0.0454
0.0472
A2
3.059
3.104
3.149
0.1204
0.1222
0.1240
B1
0.645
0.650
0.655
0.0254
0.0256
0.0258
B2
0.645
0.650
0.655
0.0254
0.0256
0.0258
C1
0.202
0.252
0.302
0.0080
0.0099
0.0119
C2
0.202
0.252
0.302
0.0080
0.0099
0.0119
D1
0.638
0.707
0.776
0.0251
0.0278
0.0306
D2
0.394
0.445
0.495
0.0155
0.0175
0.0195
# per tape and
reel
3500 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
4
5
B
C1
B1
A1
D1
D2
BOTTOM VIEW
SIDE
VIEW
A
1
2
3
DIMENSIONS IN MILLIMETERS
A
B
0.35 DIA.
63/37 Sn/Pb (Eutectic) or
SOLDER BUMPS
95.5/3.8/0.7 Sn/Ag/Cu (Lead-free)
OptiGuardTM
Coating
PART NUMBER
CHIP SIZE (mm)
POCKET SIZE (mm)
B0 X A0 X K0
TAPE WIDTH
W
REEL
DIAMETER
QTY
PER
REEL
P0
P1
CM1206-08
3.104 X 1.154 X 0.707
3.28 X 1.32 X 0.81
8mm
178mm (7")
3500
4mm
4mm
Top
For tape feeder reference
Cover
Tape
P1
only including draft.
Concentric around B.
Ko
Embossment
User Direction of Feed
±0.2 mm
Po
Center Lines
of Cavity
W
10 Pitches Cumulative
Tolerance On Tape
Ao
Bo


Similar Part No. - CM120616

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM1200DB-34N MITSUBISHI-CM1200DB-34N Datasheet
62Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM1200DB-34N POWEREX-CM1200DB-34N Datasheet
536Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
logo
Mitsubishi Electric Sem...
CM1200DC-34N MITSUBISHI-CM1200DC-34N Datasheet
61Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM1200DC-34N POWEREX-CM1200DC-34N Datasheet
494Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
logo
Mitsubishi Electric Sem...
CM1200DC-34S MITSUBISHI-CM1200DC-34S Datasheet
518Kb / 11P
   HIGH POWER SWITCHING USE NSULATED TYPE
More results

Similar Description - CM120616

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN2404C CALMIRCO-PACDN2404C Datasheet
52Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
PACDN1404C CALMIRCO-PACDN1404C Datasheet
51Kb / 3P
   ESD PROTECTION ARRAYS, CHIP SCALE PACKAGE
CM1205-16CP CALMIRCO-CM1205-16CP Datasheet
167Kb / 7P
   ESD Protection Arrays, Chip Scale Package
logo
ON Semiconductor
PACDN1408CG ONSEMI-PACDN1408CG Datasheet
112Kb / 5P
   ESD Protection Arrays in Chip Scale Package
October, 2011 ??Rev. 4
logo
California Micro Device...
PACDN1408C CALMIRCO-PACDN1408C Datasheet
747Kb / 3P
   ESD PROTECTION ARRAYS, 8 CHANNEL, CHIP SCALE PACKAGE
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
   8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
   8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
logo
NXP Semiconductors
PESDXS4UD NXP-PESDXS4UD Datasheet
102Kb / 12P
   Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
PESDXS4UD PHILIPS-PESDXS4UD Datasheet
102Kb / 12P
   Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com