Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3047 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SK3047
Description  Silicon N-Channel Power F-MOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK3047 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SK3047 Datasheet HTML 1Page - Panasonic Semiconductor 2SK3047 Datasheet HTML 2Page - Panasonic Semiconductor 2SK3047 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power F-MOS FETs
unit: mm
2SK3047
Silicon N-Channel Power F-MOS FET
s Features
q Avalanche energy capacity guaranteed: EAS > 15mJ
q V
GSS = ±30V guaranteed
q High-speed switching: t
f = 25ns
q No secondary breakdown
s Applications
q Contactless relay
q Diving circuit for a solenoid
q Driving circuit for a motor
q Control equipment
q Switching power supply
s Electrical Characteristics (T
C = 25°C)
Parameter
Drain to Source cut-off current
Gate to Source leakage current
Drain to Source breakdown voltage
Gate threshold voltage
Drain to Source ON-resistance
Forward transfer admittance
Diode forward voltage
Input capacitance (Common Source)
Output capacitance (Common Source)
Reverse transfer capacitance (Common Source)
Turn-on time (delay time)
Rise time
Turn-off time (delay time)
Fall time
Symbol
IDSS
IGSS
VDSS
Vth
RDS(on)
| Yfs |
VDSF
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
Conditions
VDS = 640V, VGS = 0
VGS = ±30V, VDS = 0
ID = 1mA, VGS = 0
VDS = 25V, ID = 1mA
VGS = 10V, ID = 1A
VDS = 25V, ID = 1A
IDR = 2A, VGS = 0
VDS = 20V, VGS = 0, f = 1MHz
VGS = 10V, ID = 1A
VDD = 200V, RL = 200Ω
min
800
2
0.7
typ
4.8
1.1
350
60
25
15
20
60
25
max
0.1
±1
5
7
−1.3
Unit
mA
µA
V
V
S
V
pF
pF
pF
ns
ns
ns
ns
s Absolute Maximum Ratings (T
C = 25°C)
Parameter
Drain to Source breakdown voltage
Gate to Source voltage
Drain current
Avalanche energy capacity
Allowable power
dissipation
Channel temperature
Storage temperature
DC
Pulse
TC = 25°C
Ta = 25°C
Symbol
VDSS
VGSS
ID
IDP
EAS*
PD
Tch
Tstg
Ratings
800
±30
±2
±4
15
30
2
150
−55 to +150
Unit
V
V
A
A
mJ
W
°C
°C
*
L = 5mH, IL = 2.45A, VDD = 50V, 1 pulse
1
9.9±0.3
4.6±0.2
2.9±0.2
0.8±0.1
1.4±0.2
23
φ3.2±0.1
2.6±0.1
0.55±0.15
2.54±0.3
5.08±0.5
1.6±0.2
1: Gate
2: Drain
3: Source
TO-220D Package


Similar Part No. - 2SK3047

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3047 ISC-2SK3047 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3047

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SK867 PANASONIC-2SK867 Datasheet
41Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK996 PANASONIC-2SK996 Datasheet
64Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK1266 PANASONIC-2SK1266 Datasheet
80Kb / 2P
   Silicon N-channel Power F-MOS FET
2SK2125 PANASONIC-2SK2125 Datasheet
46Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK2128 PANASONIC-2SK2128 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK3030 PANASONIC-2SK3030 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3031 PANASONIC-2SK3031 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3033 PANASONIC-2SK3033 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3036 PANASONIC-2SK3036 Datasheet
23Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3043 PANASONIC-2SK3043 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
PUB4702 PANASONIC-PUB4702 Datasheet
34Kb / 2P
   Silicon N-Channel Power F-MOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com