Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC7280 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # ILC7280
Description  Micropower Dual 150mA CMOS RF LDO-TM Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7280 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  ILC7280 Datasheet HTML 1Page - Fairchild Semiconductor ILC7280 Datasheet HTML 2Page - Fairchild Semiconductor ILC7280 Datasheet HTML 3Page - Fairchild Semiconductor ILC7280 Datasheet HTML 4Page - Fairchild Semiconductor ILC7280 Datasheet HTML 5Page - Fairchild Semiconductor ILC7280 Datasheet HTML 6Page - Fairchild Semiconductor ILC7280 Datasheet HTML 7Page - Fairchild Semiconductor ILC7280 Datasheet HTML 8Page - Fairchild Semiconductor ILC7280 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.fairchildsemi.com
REV. 1.0.5 6/3/02
Features
• Low Power Consumption
• 150mV Dropout at 150mA
• 1% Output Voltage Accuracy
• Requires only 0.47µF Output Capacitor
• Only 135µA Ground Current at 150mA load
• 50µVRMS Noise at BW = 300Hz to 50kHz
• Excellent Line and Load Transient Response
• Over Current/Over Temperature Protection
• 8-pin MSOP package
• Voltage Options Available: 3.3/3.3V, 3.0/3.0V, 3.0/2.8V,
3.0/2.5V, 2.8/2.8V, 2.85/2.85V. Other Custom Values
available upon request.
• Minimum External Components
Applications
• Cellular Phones, pagers and wireless headsets
• Palmtops, organizers, PDAs and portable electronics
• Battery powered portable appliances and equipment
• Remote data accumulation and instrumentation
General Description
The ILC7280 is two independent 150mA low dropout
(LDO)voltage regulators in an 8-pin MSOP package. Each
regulator output is independently short circuit protected and
has independent enable lines. The device offers a unique
combination of low dropout voltage and low quiescent
current offered by CMOS technology as well as the low
noise and good ripple rejection characteristics of bipolar
LDO regulators.
The ILC7280 is available in a space saving MSOP-8
package.
Block Diagram
Current Limit
Thermal Shutdown
VINA
VOUTA
+
Bandgap
Reference
Current Limit
Thermal Shutdown
ENA
*CNOISE
*Optional
GND
ENB
VINB
VOUTB
ILC7280
Micropower Dual 150mA CMOS RF LDO™
Regulators


Similar Part No. - ILC7280

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7280 IMPALA-ILC7280 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
ILC7280CS-2530 IMPALA-ILC7280CS-2530 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
ILC7280CS-2828 IMPALA-ILC7280CS-2828 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
ILC7280CS-3025 IMPALA-ILC7280CS-3025 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
ILC7280CS-3028 IMPALA-ILC7280CS-3028 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
More results

Similar Description - ILC7280

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7280 IMPALA-ILC7280 Datasheet
63Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH 75DB RIPPLE REJECTION
ILC7281 IMPALA-ILC7281 Datasheet
74Kb / 9P
   MICROPOWER DUAL 150MA CMOS RF LDO REGULATORS WITH POWER SUPPLY RESET MONITOR
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
logo
Rohm
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15RB1WGUT ROHM-BH15RB1WGUT_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
logo
Exar Corporation
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com