Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3048 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SK3048
Description  Silicon N-Channel Power F-MOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK3048 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SK3048 Datasheet HTML 1Page - Panasonic Semiconductor 2SK3048 Datasheet HTML 2Page - Panasonic Semiconductor 2SK3048 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power F-MOS FETs
2SK3048
Area of safe operation (ASO)
PD  Ta
IAS
 L-load
ID  VDS
ID  VGS
VDS  VGS
RDS(on)  ID
| Yfs |  ID
Ciss, Coss, Crss  VDS
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
Non repetitive pulse
T
C=25˚C
t=10
µs
100
µs
DC
1ms
10ms
100ms
Drain to source voltage V
DS
(V)
0
160
40
120
80
140
20
100
60
0
60
50
40
30
20
10
(1) T
C=Ta
(2) Without heat sink
(1)
(2)
Ambient temperature Ta (˚C)
1
0.1
10
3
0.3
0.1
1
0.3
3
10
T
C=25˚C
22.5mJ
L-load (mH)
0
5
10
15
20
25
0
1
2
3
4
5
6
T
C=25˚C
5.5V
4V
5V
4.5V
40W
Drain to source voltage V
DS
(V)
012
10
8
26
4
0
1
2
3
4
5
6
V
DS=25V
25˚C
0˚C
T
C=125˚C
85˚C
Gate to source voltage V
GS
(V)
0
5
10
15
20
25
30
0
10
20
30
5
35
25
15
I
D=3A
2A
1A
T
C=25˚C
Gate to source voltage V
GS
(V)
012345
6
0
1
2
3
4
5
6
V
GS=10V
T
C=125˚C
85˚C
25˚C
0˚C
Drain current I
D
(A)
05
4
3
2
16
0
1
2
3
4
5
6
7
V
DS=25V
T
C=0˚C
25˚C
85˚C
125˚C
Drain current I
D
(A)
0
100
20
40
60
80
1000
100
10
300
30
C
iss
C
oss
C
rss
f=1MHz
T
C=25˚C
Drain to source voltage V
DS
(V)


Similar Part No. - 2SK3048

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3048 ISC-2SK3048 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Kexin Industr...
2SK3048DS-3 KEXIN-2SK3048DS-3 Datasheet
609Kb / 3P
   N-Channel MOSFET
More results

Similar Description - 2SK3048

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SK867 PANASONIC-2SK867 Datasheet
41Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK996 PANASONIC-2SK996 Datasheet
64Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK1266 PANASONIC-2SK1266 Datasheet
80Kb / 2P
   Silicon N-channel Power F-MOS FET
2SK2125 PANASONIC-2SK2125 Datasheet
46Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK2128 PANASONIC-2SK2128 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK3030 PANASONIC-2SK3030 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3031 PANASONIC-2SK3031 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3033 PANASONIC-2SK3033 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3036 PANASONIC-2SK3036 Datasheet
23Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3043 PANASONIC-2SK3043 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
PUB4702 PANASONIC-PUB4702 Datasheet
34Kb / 2P
   Silicon N-Channel Power F-MOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com