Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62003APG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TD62003APG
Description  TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62003APG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TD62003APG Datasheet HTML 1Page - Toshiba Semiconductor TD62003APG Datasheet HTML 2Page - Toshiba Semiconductor TD62003APG Datasheet HTML 3Page - Toshiba Semiconductor TD62003APG Datasheet HTML 4Page - Toshiba Semiconductor TD62003APG Datasheet HTML 5Page - Toshiba Semiconductor TD62003APG Datasheet HTML 6Page - Toshiba Semiconductor TD62003APG Datasheet HTML 7Page - Toshiba Semiconductor TD62003APG Datasheet HTML 8Page - Toshiba Semiconductor TD62003APG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TD62001~004APG/AFG
2002-12-11
3
Recommended Operating Conditions (Ta = −40°C to 85°C)
Characteristics
Symbol
Condition
Min
Typ.
Max
Unit
Output sustaining voltage
VCE (SUS)
0
50
V
Duty = 10%
0
370
APG
Duty = 50%
0
130
Duty = 10%
0
233
Output current
AFG
IOUT
Tpw = 25 ms
7 circuits
Ta = 85°C
Tj = 120°C
Duty = 50%
0
70
mA/ch
Input voltage
Except
TD62001APG/
AFG
VIN
0
24
V
TD62002
14.5
24
TD62003
2.8
24
Input voltage (output on)
TD62004
VIN (ON)
IOUT = 400 mA
hFE = 800
6.2
24
V
TD62001
0
0.6
TD62002
0
7.4
TD62003
0
0.7
Input voltage (output off)
TD62004
VIN (OFF)
0
1.0
V
Input current
Only TD62001
IIN
0
10
mA
Clamp diode reverse voltage
VR
50
V
Clamp diode forward current
IF
350
mA
APG
Ta = 85°C
0.76
Power dissipation
AFG
PD
Ta = 85°C
(Note)
0.325
W
Note: When mounted on a glass-epoxy PCB (30 mm
´ 30 mm ´ 1.6 mm, Cu area: 50%)


Similar Part No. - TD62003APG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62003APG TOSHIBA-TD62003APG Datasheet
507Kb / 15P
   7-channel Darlington Sink Driver
TD62003APG TOSHIBA-TD62003APG Datasheet
577Kb / 13P
   7-channel Darlington Sink Driver
2009-10-01
More results

Similar Description - TD62003APG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62S051AFM TOSHIBA-TD62S051AFM Datasheet
91Kb / 8P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TD62S310AFM TOSHIBA-TD62S310AFM Datasheet
86Kb / 6P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2136F TOSHIBA-TA2136F Datasheet
145Kb / 7P
   TOSHIBA Bipolar Liner Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA4012AFE TOSHIBA-TA4012AFE Datasheet
60Kb / 4P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com