Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ES6014 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC100ES6014
Description  2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES6014 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC100ES6014 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC100ES6014 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC100ES6014 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC100ES6014 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES6014 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES6014 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES6014 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES6014 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Advanced Clock Drivers Device Data
4
Freescale Semiconductor
MC100ES6014
Figure 2. Typical Termination for Output Driver and Device Evaluation
Table 7. AC Characteristics (VCC = 0 V, VEE = –3.8 V to –3.135 V or VCC = 3.135 V to 3.8 V, VEE = 0 V)
(1)
1. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 ohms to VCC–2.0 V.
Symbol
Characteristics
–40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax Maximum Output Frequency
2
2
2
GHz
tPLH
tPHL
Propagation Delay (Differential)
CLK to Q, Q
300
355
425
300
375
475
300
400
525
ps
tSKEW Within Device Skew(2)
Q, Q
Device-to-Device Skew(2)
2. Skew is measured between outputs under identical transitions.
23
45
125
23
45
175
23
45
225
ps
ps
tJITTER Cycle-to-Cycle Jitter
RMS (1
σ)
1
1
1
ps
VPP
Input Peak-to-Peak Voltage Swing
(Differential)
200
1200
200
1200
200
1200
mV
VCMR Differential Cross Point Voltage
VEE+0.2
VCC–1.2 VEE+0.2
VCC–1.2 VEE+0.2
VCC–1.2
V
tr/tf
Output Rise/Fall Time (20%–80%)
70
225
70
250
70
275
ps
Driver
Device
Receiver
Device
QD
D
Q
50
50
VTT
VTT = VCC – 2.0 V


Similar Part No. - MC100ES6014

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6014 RENESAS-MC100ES6014 Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
MC100ES6014EJ RENESAS-MC100ES6014EJ Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
MC100ES6014EJR2 RENESAS-MC100ES6014EJR2 Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
More results

Similar Description - MC100ES6014

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6014 RENESAS-MC100ES6014 Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
logo
NXP Semiconductors
PCKEP14 PHILIPS-PCKEP14 Datasheet
351Kb / 15P
   2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
logo
ON Semiconductor
NB100LVEP222 ONSEMI-NB100LVEP222 Datasheet
117Kb / 10P
   2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
logo
Freescale Semiconductor...
MC100ES6056 FREESCALE-MC100ES6056 Datasheet
254Kb / 8P
   2.5 V/3.3 V ECL/PECL/LVDS Dual Differential 2:1 Multiplexer
logo
NXP Semiconductors
PCKEL14 NXP-PCKEL14 Datasheet
399Kb / 15P
   2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Rev. 01-14 October 2002
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com