Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ES6056 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC100ES6056
Description  2.5 V/3.3 V ECL/PECL/LVDS Dual Differential 2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES6056 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC100ES6056 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC100ES6056 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC100ES6056 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC100ES6056 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES6056 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES6056 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES6056 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES6056 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MC100ES6056
Rev 4, 06/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
2.5 V/3.3 V ECL/PECL/LVDS
Dual Differential 2:1 Multiplexer
The MC100ES6056 is a dual, fully differential 2:1 multiplexer. The differential
data path makes the device ideal for multiplexing low skew clock or other skew
sensitive signals. Multiple VBB pins are provided.
The VBB pin, an internally generated voltage supply, is available to this device
only. For single-ended input conditions, the unused differential input is connected
to VBB as a switching reference voltage. VBB may also rebias AC coupled inputs.
When used, decouple VBB and VCC via a 0.01 µF capacitor and limit current
sourcing or sinking to 0.5 mA. When not used, VBB should be left open.
The device features both individual and common select inputs to address both
data path and random logic applications.
The 100ES Series contains temperature compensation.
Features
360 ps Typical Propagation Delays
Maximum Frequency > 3 GHz Typical
PECL Mode Operating Range: VCC = 2.375 V to 3.8 V with VEE = 0 V
ECL Mode Operating Range: VCC = 0 V with VEE = –2.375 V to –3.8 V
Open Input Default State
Separate and Common Select
Q Output Will Default LOW with Inputs Open or at VEE
•VBB Outputs
LVDS Input Compatible
20-Lead Pb-Free Package Available
MC100ES6056
ORDERING INFORMATION
Device
Package
MC100ES6056DT
TSSOP-20
MC100ES6056DTR2
TSSOP-20
MC100ES6056EJ
TSSOP-20 (Pb-Free)
MC100ES6056EJR2
TSSOP-20 (Pb-Free)
DT SUFFIX
20-LEAD TSSOP PACKAGE
CASE 948E-03
EJ SUFFIX
20-LEAD TSSOP PACKAGE
Pb-FREE PACKAGE
CASE 948E-03
Warning: All VCC and VEE pins must be externally connected to
Power Supply to guarantee proper operation.
4
3
56
789
10
2
1
17
18
16
15
14
13
12
11
19
20
10
1
0
VCC
Q0
Q0
SEL0 COM_SEL SEL1 VCC
Q1
Q1
VEE
D0a
D0a
VBB0
D0b
D0b
D1a
D1a
VBB1
D1b
D1b
Figure 1. 20-Lead Pinout (Top View) and Logic Diagram


Similar Part No. - MC100ES6056

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
   2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
logo
Integrated Device Techn...
MC100ES6056DT IDT-MC100ES6056DT Datasheet
1Mb / 9P
   2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
MC100ES6056DT RENESAS-MC100ES6056DT Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
logo
Integrated Device Techn...
MC100ES6056DTR2 IDT-MC100ES6056DTR2 Datasheet
1Mb / 9P
   2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
More results

Similar Description - MC100ES6056

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56_16 Datasheet
154Kb / 6P
   3.3V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 13
logo
Freescale Semiconductor...
MC100ES6014 FREESCALE-MC100ES6014 Datasheet
261Kb / 8P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
logo
Renesas Technology Corp
MC100ES6014 RENESAS-MC100ES6014 Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
logo
Texas Instruments
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
   ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
NXP Semiconductors
PCKEP14 PHILIPS-PCKEP14 Datasheet
351Kb / 15P
   2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58_16 Datasheet
150Kb / 6P
   3.3V ECL 2:1 Multiplexer
July, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com