Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ES6014DTR2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC100ES6014DTR2
Description  2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES6014DTR2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC100ES6014DTR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC100ES6014DTR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC100ES6014DTR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC100ES6014DTR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES6014DTR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES6014DTR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES6014DTR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES6014DTR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MC100ES6014
Rev 3, 06/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
2.5 V/3.3 V 1:5 Differential
ECL/PECL/HSTL/LVDS Clock Driver
The MC100ES6014 is a low skew 1-to-5 differential driver, designed with clock
distribution in mind, accepting two clock sources into an input multiplexer. The
ECL/PECL input signals can be either differential or single-ended (if the VBB
output is used). HSTL and LVDS inputs can be used when the ES6014 is
operating under PECL conditions.
The ES6014 specifically guarantees low output-to-output skew. Optimal
design, layout, and processing minimize skew within a device and from device to
device.
To ensure that the tight skew specification is realized, both sides of any
differential output need to be terminated identically into 50
Ω even if only one
output is being used. If an output pair is unused, both outputs may be left open
(unterminated) without affecting skew.
The common enable (EN) is synchronous, outputs are enabled/disabled in the
LOW state. This avoids a runt clock pulse when the device is enabled/disabled
as can happen with an asynchronous control. The internal flip flop is clocked on
the falling edge of the input clock; therefore, all associated specification limits are
referenced to the negative edge of the clock input.
The MC100ES6014, as with most other ECL devices, can be operated from a
positive VCC supply in PECL mode. This allows the ES6014 to be used for high
performance clock distribution in +3.3 V or +2.5 V systems. Single ended CLK
input pin operation is limited to a VCC ≥ 3.0 V in PECL mode, or VEE ≤ –3.0 V in
ECL mode. Designers can take advantage of the ES6014's performance to
distribute low skew clocks across the backplane or the board.
Features
25 ps Within Device Skew
400 ps Typical Propagation Delay
Maximum Frequency > 2 GHz Typical
The 100 Series Contains Temperature Compensation
PECL and HSTL Mode: VCC = 2.375 V to 3.8 V with VEE = 0 V
ECL Mode: VCC = 0 V with VEE = –2.375 V to –3.8 V
LVDS and HSTL Input Compatible
Open Input Default State
20-Lead Pb-Free Package Available
MC100ES6014
ORDERING INFORMATION
Device
Package
MC100ES6014DT
TSSOP-20
MC100ES6014DTR2
TSSOP-20
MC100ES6014EJ
TSSOP-20 (Pb-Free)
MC100ES6014EJR2
TSSOP-20 (Pb-Free)
DT SUFFIX
20-LEAD TSSOP PACKAGE
CASE 948E-03
EJ SUFFIX
20-LEAD TSSOP PACKAGE
Pb-FREE PACKAGE
CASE 948E-03


Similar Part No. - MC100ES6014DTR2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6014 RENESAS-MC100ES6014 Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
MC100ES6014EJ RENESAS-MC100ES6014EJ Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
MC100ES6014EJR2 RENESAS-MC100ES6014EJR2 Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
More results

Similar Description - MC100ES6014DTR2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6014 RENESAS-MC100ES6014 Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
logo
NXP Semiconductors
PCKEP14 PHILIPS-PCKEP14 Datasheet
351Kb / 15P
   2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
logo
ON Semiconductor
NB100LVEP222 ONSEMI-NB100LVEP222 Datasheet
117Kb / 10P
   2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
logo
Freescale Semiconductor...
MC100ES6056 FREESCALE-MC100ES6056 Datasheet
254Kb / 8P
   2.5 V/3.3 V ECL/PECL/LVDS Dual Differential 2:1 Multiplexer
logo
NXP Semiconductors
PCKEL14 NXP-PCKEL14 Datasheet
399Kb / 15P
   2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Rev. 01-14 October 2002
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com