Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ES6220 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC100ES6220
Description  Low Voltage Dual 1:10 Differential ECL/PECL Clock Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES6220 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC100ES6220 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC100ES6220 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC100ES6220 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES6220 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES6220 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES6220 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES6220 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC100ES6220 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC100ES6220 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Advanced Clock Drivers Devices
6
Freescale Semiconductor
MC100ES6220
APPLICATIONS INFORMATION
Understanding the Junction Temperature Range of the
MC100ES6220
To make the optimum use of high clock frequency and low
skew capabilities of the MC100ES6220, the MC100ES6220
is specified, characterized and tested for the junction
temperature range of TJ =0°C to +110°C. Because the exact
thermal performance depends on the PCB type, design,
thermal management and natural or forced air convection,
the junction temperature provides an exact way to correlate
the application specific conditions to the published
performance data of this data sheet. The correlation of the
junction temperature range to the application ambient
temperature range and vice versa can be done by
calculation:
TJ = TA + Rthja ⋅ Ptot
Assuming a thermal resistance (junction to ambient) of
17
°C/W (2s2p board, 200 ft/min airflow, see Table 8) and a
typical power consumption of 1049 mW (all outputs
terminated 50 ohms to VTT, VCC = 3.3 V, frequency
independent), the junction temperature of the MC100ES6220
is approximately TA +18°C, and the minimum ambient
temperature in this example case calculates to 18
°C (the
maximum ambient temperature is 92
°C. See Table 7).
Exceeding the minimum junction temperature specification of
the MC100ES6220 does not have a significant impact on the
device functionality. However, the continuous use the
MC100ES6220 at high ambient temperatures requires
thermal management to not exceed the specified maximum
junction temperature. Please see the application note
AN1545 for a power consumption calculation guideline.
Maintaining Lowest Device Skew
The MC100ES6220 guarantees low output-to-output bank
skew of 100 ps and a part-to-part skew of max. 200 ps. To
ensure low skew clock signals in the application, both outputs
of any differential output pair need to be terminated
identically, even if only one output is used. When fewer than
all nine output pairs are used, identical termination of all
output pairs within the output bank is recommended. This will
reduce the device power consumption while maintaining
minimum output skew.
Power Supply Bypassing
The MC100ES6220 is a mixed analog/digital product. The
differential architecture of the MC100ES6220 supports low
noise signal operation at high frequencies. In order to
maintain its superior signal quality, all VCC pins should be
bypassed by high-frequency ceramic capacitors connected
to GND. If the spectral frequencies of the internally generated
switching noise on the supply pins cross the series resonant
point of an individual bypass capacitor, its overall impedance
begins to look inductive and thus increases with increasing
frequency. The parallel capacitor combination shown ensures
that a low impedance path to ground exists for frequencies
well above the noise bandwidth.
Figure 5. VCC Power Supply Bypass
Table 7. Ambient Temperature Ranges (Ptot = 1049 mW)
Rthja (2s2p board)
TA, min
(1)
1. The MC100ES6220 device function is guaranteed from
TA = –40°C to TJ = 110°C.
TA, max
Natural convection
20
°C/W
–21
°C89°C
100 ft/min
18
°C/W
–19
°C91°C
200 ft/min
17
°C/W
–18
°C92°C
400 ft/min
16
°C/W
–17
°C93°C
800 ft/min
15
°C/W
–16
°C94°C
VCC
MC100ES6220
VCC
33...100 nF
0.1 nF


Similar Part No. - MC100ES6220

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
logo
Freescale Semiconductor...
MC100ES6221AE FREESCALE-MC100ES6221AE Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
MC100ES6221TB FREESCALE-MC100ES6221TB Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Motorola, Inc
MC100ES6222 MOTOROLA-MC100ES6222 Datasheet
300Kb / 12P
   Low Voltage 1:15 Differential ECL/PECL Clock Divider and Fanout Buffer
More results

Similar Description - MC100ES6220

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6222 MOTOROLA-MC100ES6222 Datasheet
300Kb / 12P
   Low Voltage 1:15 Differential ECL/PECL Clock Divider and Fanout Buffer
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Renesas Technology Corp
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
   Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com