Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ES6226 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC100ES6226
Description  2.5/3.3V Differential LVPECL 1:9 Clock Distribution Buffer and Clock Divider
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100ES6226 Datasheet(HTML) 3 Page - Motorola, Inc

  MC100ES6226 Datasheet HTML 1Page - Motorola, Inc MC100ES6226 Datasheet HTML 2Page - Motorola, Inc MC100ES6226 Datasheet HTML 3Page - Motorola, Inc MC100ES6226 Datasheet HTML 4Page - Motorola, Inc MC100ES6226 Datasheet HTML 5Page - Motorola, Inc MC100ES6226 Datasheet HTML 6Page - Motorola, Inc MC100ES6226 Datasheet HTML 7Page - Motorola, Inc MC100ES6226 Datasheet HTML 8Page - Motorola, Inc MC100ES6226 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC100ES6226
TIMING SOLUTIONS
3
MOTOROLA
TABLE 1: PIN CONFIGURATION
Pin
I/O
Type
Function
CLK, CLK
Input
LVPECL
Differential reference clock signal input
OE
Input
LVCMOS
Output enable
MR
Input
LVCMOS
Device reset
FSEL0, FSEL1
Input
LVCMOS
Output frequency divider select
QA[0-2], QA[0-2]
QB[0-2], QB[0-2]
QC[0-2], QC[0-2]
Output
LVPECL
Differential clock outputs (banks A, B and C)
GND
Supply
GND
Negative power supply
VCC
Supply
VCC
Positive power supply. All VCC pins must be connected to the positive power supply for
correct DC and AC operation
TABLE 2: FUNCTION TABLE
Control
Default
0
1
OE
0
Qx[0-2], Qx[0-2] are active. Deassertion of OE can
be asynchronous to the reference clock without
generation of output runt pulses
Qx[0-2] = L, Qx[0-2] =H (outputs disabled).
Assertion of OE can be asynchronous to the
reference clock without generation of output runt
pulses
MR
0
Normal operation
Device reset (asynchronous)
FSEL0, FSEL1
00
See Following Table
TABLE 3: Output Frequency Select Control
FSEL0
FSEL1
QA0 to QA2
QB0 to QB2
QC0 to QC2
0
0
fQA0:2 = fCLK
fQB0:2 = fCLK
fQC0:2 = fCLK
0
1
fQA0:2 = fCLK
fQB0:2 = fCLK
fQC0:2 = fCLK ÷ 2
1
0
fQA0:2 = fCLK
fQB0:2 = fCLK ÷ 2
fQC0:2 = fCLK ÷ 2
1
1
fQA0:2 = fCLK ÷ 2
fQB0:2 = fCLK ÷ 2
fQC0:2 = fCLK ÷ 2
TABLE 4: ABSOLUTE MAXIMUM RATINGSa
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
-0.3
3.6
V
VIN
DC Input Voltage
-0.3
VCC+0.3
V
VOUT
DC Output Voltage
-0.3
VCC+0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TS
Storage temperature
-65
125
°C
a. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these conditions
or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated conditions is not
implied.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC100ES6226

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6226 RENESAS-MC100ES6226 Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
MC100ES6226AC RENESAS-MC100ES6226AC Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
MC100ES6226ACR2 RENESAS-MC100ES6226ACR2 Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
MC100ES6226FA RENESAS-MC100ES6226FA Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
MC100ES6226FAR2 RENESAS-MC100ES6226FAR2 Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
More results

Similar Description - MC100ES6226

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6226 RENESAS-MC100ES6226 Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
   Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254_13 Datasheet
358Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Renesas Technology Corp
MC100ES6254 RENESAS-MC100ES6254 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6254 MOTOROLA-MC100ES6254 Datasheet
386Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254 Datasheet
536Kb / 9P
   2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com