Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEDS82V16520A-02 Datasheet(PDF) 5 Page - OKI electronic componets

Part # PEDS82V16520A-02
Description  262,144-Word32-Bit2-Bank SGRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

PEDS82V16520A-02 Datasheet(HTML) 5 Page - OKI electronic componets

  PEDS82V16520A-02 Datasheet HTML 1Page - OKI electronic componets PEDS82V16520A-02 Datasheet HTML 2Page - OKI electronic componets PEDS82V16520A-02 Datasheet HTML 3Page - OKI electronic componets PEDS82V16520A-02 Datasheet HTML 4Page - OKI electronic componets PEDS82V16520A-02 Datasheet HTML 5Page - OKI electronic componets PEDS82V16520A-02 Datasheet HTML 6Page - OKI electronic componets PEDS82V16520A-02 Datasheet HTML 7Page - OKI electronic componets PEDS82V16520A-02 Datasheet HTML 8Page - OKI electronic componets PEDS82V16520A-02 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
FEDS82V16520A-01
OKI Semiconductor
MS82V16520A
5/40
COMMAND OPERATION
Mode Register Set Command (
CS, RAS, CAS, WE = “Low”)
The MS82V16520A has the mode register that defines the operation mode “
CAS Latency, Burst Length, Burst
Sequence”. The Mode Register Set command should be executed just after the MS82V16520A is powered on.
Before entering this command, all banks must be precharged. Next command can be issued after tRSC.
Auto Refresh Command (
CS, RAS, CAS = “Low”, WE, CKE = “High”)
The Auto Refresh command performs refresh automatically by the address counter. The refresh operation must be
performed 2,048 times within 32 ms and the next command can be issued after tRC from last Auto Refresh
command. Before entering this command, all banks must be precharged.
Self Refresh Entry/Exit Command (
CS, RAS, CAS, CKE = “Low”, WE = “High”)
The self refresh operation continues after the Self Refresh Entry command is entered, with CKE level left “low”.
This operation terminates by making CKE level “high”. The self refresh operation is performed automatically by
the internal address counter on the MS82V16520A chip.
In self refresh mode, no external refresh control is required. Before entering self refresh mode, all banks must be
precharged. Next command can be issued after tRC.
Single Bank Precharge Command (
CS, RAS, WE, A9 = “Low”, CAS = “High”)
The Single Bank Precharge command triggers bank precharge operation. Precharge bank is selected by BA.
All Bank Precharge Command (
CS, RAS, WE = “Low”, CAS, A9 = “High”)
The All Bank Precharge command triggers precharge of both Bank A and Bank B.
Bank Active Command (
CS, RAS = “Low”, CAS, WE = ”High”)
The Bank Active command activates the bank selected by BA. The Bank Active command corresponds to
conventional DRAM's
RAS falling operation. Row addresses “A0 to A9 and BA” are strobed.
Write Command (
CS, CAS, WE, A9 = “Low”, RAS = “High”)
The Write command is required to begin burst write operation. Then burst access initial bit column address is
strobed.
Write with Auto Precharge Command (
CS, CAS, WE = “Low”, RAS, A9 = “High”)
The Write with Auto Precharge command is required to begin burst write operation with automatic precharge after
the burst write. Any command that interrupts this operation cannot be issued.
Read Command (
CS, CAS, A9 = “Low”, RAS, WE = “High”)
The Read command is required to begin burst read operation. Then burst access initial bit column address is
strobed.


Similar Part No. - PEDS82V16520A-02

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
PEDSD03C SUNMATE-PEDSD03C Datasheet
241Kb / 3P
   STANDARD CAPACITANCE TVS
PEDSD12C SUNMATE-PEDSD12C Datasheet
241Kb / 3P
   STANDARD CAPACITANCE TVS
More results

Similar Description - PEDS82V16520A-02

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS82V32520 OKI-MS82V32520 Datasheet
1Mb / 42P
   524,288-Word 횞 32-Bit 횞 2-Bank FIFO-SGRAM
MS82V48540 OKI-MS82V48540 Datasheet
1Mb / 44P
   393,216-Word 횞 32-Bit 횞 4-Bank FIFO-SGRAM
MD56V62160E OKI-MD56V62160E Datasheet
512Kb / 34P
   4-Bank 횞 1,048,576-Word 횞 16-Bit SYNCHRONOUS DYNAMIC RAM
MS82V16520 OKI-MS82V16520 Datasheet
846Kb / 67P
   262,144-Word x 32-Bit x 2-Bank Synchronous Graphics RAM
MSM54V24632A OKI-MSM54V24632A Datasheet
401Kb / 29P
   131,072-Word x 32-Bit x 2-Bank SGRAM without Graphics Functions
logo
Elpida Memory
HM5257165B ELPIDA-HM5257165B Datasheet
463Kb / 62P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
   256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
HM5264165F-75 ELPIDA-HM5264165F-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com