Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3T125-5BA352 Datasheet(PDF) 1 Page - Agere Systems

Part # OR3T125-5BA352
Description  3C and 3T Field-Programmable Gate Arrays
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3T125-5BA352 Datasheet(HTML) 1 Page - Agere Systems

  OR3T125-5BA352 Datasheet HTML 1Page - Agere Systems OR3T125-5BA352 Datasheet HTML 2Page - Agere Systems OR3T125-5BA352 Datasheet HTML 3Page - Agere Systems OR3T125-5BA352 Datasheet HTML 4Page - Agere Systems OR3T125-5BA352 Datasheet HTML 5Page - Agere Systems OR3T125-5BA352 Datasheet HTML 6Page - Agere Systems OR3T125-5BA352 Datasheet HTML 7Page - Agere Systems OR3T125-5BA352 Datasheet HTML 8Page - Agere Systems OR3T125-5BA352 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 210 page
background image
Data Sheet
June 1999
ORCA® Series 3C and 3T
Field-Programmable Gate Arrays
Features
s
High-performance, cost-effective, 0.35 µm (OR3C) and
0.3 µm (OR3T) 4-level metal technology, (4- or 5-input
look-up table delay of 1.1 ns with -7 speed grade in
0.3 µm).
s
Same basic architecture as lower-voltage, advanced
process technology Series 3 architectures. (See
ORCA
Series 3L FPGA documentation.)
s
Up to 186,000 usable gates.
s
Up to 452 user I/Os. (OR3Txxx I/Os are 5 V tolerant to
allow interconnection to both 3.3 V and 5 V devices,
selectable on a per-pin basis.)
s
Pin selectable I/O clamping diodes provide 5 V or 3.3 V
PCI compliance and 5 V tolerance on OR3Txxx devices.
s
Twin-quad programmable function unit (PFU) architec-
ture with eight 16-bit look-up tables (LUTs) per PFU,
organized in two nibbles for use in nibble- or byte-wide
functions. Allows for mixed arithmetic and logic functions
in a single PFU.
s
Nine user registers per PFU, one following each LUT,
plus one extra. All have programmable clock enable and
local set/reset, plus a global set/reset that can be dis-
abled per PFU.
s
Flexible input structure (FINS) of the PFUs provides a
routability enhancement for LUTs with shared inputs and
the logic flexibility of LUTs with independent inputs.
s
Fast-carry logic and routing to adjacent PFUs for nibble-,
byte-wide, or longer arithmetic functions, with the option
to register the PFU carry-out.
s
Softwired LUTs (SWL) allow fast cascading of up to
three levels of LUT logic in a single PFU for up to 40%
speed improvement.
s
Supplemental logic and interconnect cell (SLIC) provides
3-statable buffers, up to 10-bit decoder, and
PAL*-like
AND-OR with optional INVERT in each programmable
logic cell (PLC), with over 50% speed improvement typi-
cal.
s
Abundant hierarchical routing resources based on rout-
ing two data nibbles and two control lines per set provide
for faster place and route implementations and less rout-
ing delay.
s
TTL or CMOS input levels programmable per pin for the
OR3Cxx (5.0 V) devices.
s
Individually programmable drive capability:
12 mA sink/6 mA source or 6 mA sink/3 mA source.
s
Built-in boundary scan (
IEEE 1149.1 JTAG) and
TS_ALL testability function to 3-state all I/O pins.
s
Enhanced system clock routing for low skew, high-speed
clocks originating on-chip or at any I/O.
s
Up to four ExpressCLK inputs allow extremely fast clock-
ing of signals on- and off-chip plus access to internal
general clock routing.
s
StopCLK feature to glitchlessly stop/start ExpressCLKs
independently by user command.
s
Programmable I/O (PIO) has:
— Fast-capture input latch and input flip-flop (FF) latch
for reduced input setup time and zero hold time.
— Capability to (de)multiplex I/O signals.
— Fast access to SLIC for decodes and
PAL-like
functions.
— Output FF and two-signal function generator to
reduce CLK to output propagation delay.
— Fast open-drain dive capability
— Capability to register 3-state enable signal.
s
Baseline FPGA family used in Series 3+ FPSCs (field
programmable system chips) which combine FPGA logic
and standard cell logic on one device.
*
PAL is a trademark of Advanced Micro Devices, Inc.
IEEE is a registered trademark of The Institute of Electrical and
Electronics Engineers, Inc.
Table 1.
ORCA Series 3 (3C and 3T) FPGAs
‡ The system gate counts range from a logic-only gate count to a gate count assuming 30% of the PFUs/SLICs being used as RAMs.
The logic-only gate count includes each PFU/SLIC (counted as 108 gates per PFU/SLIC), including 12 gates per LUT/FF pair (eight per
PFU), and 12 gates per SLIC/FF pair (one per PFU). Each of the four PIOs per PIC is counted as 16 gates (two FFs, fast-capture latch,
output logic, CLK drivers, and I/O buffers). PFUs used as RAM are counted at four gates per bit, with each PFU capable of implementing
a 32 x 4 RAM (or 512 gates) per PFU.
Device
System
Gates
LUTs
Registers
Max User RAM
User I/Os
Array Size
Process
Technology
OR3T20
36K
1152
1872
18K
196
12 x 12
0.3 µm/4 LM
OR3T30
48K
1568
2436
25K
228
14 x 14
0.3 µm/4 LM
OR3C/3T55
80K
2592
3780
42K
292
18 x 18
0.3 µm/4 LM
OR3C/3T80
116K
3872
5412
62K
356
22 x 22
0.3 µm/4 LM
OR3T125
186K
6272
8400
100K
452
28 x 28
0.3 µm/4 LM


Similar Part No. - OR3T125-5BA352

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T125 AGERE-OR3T125 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results

Similar Description - OR3T125-5BA352

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T20 AGERE-OR3T20 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000E XILINX-XC4000E Datasheet
712Kb / 68P
   XC4000E and XC4000X Series Field Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com