Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3T125-6BA352 Datasheet(PDF) 6 Page - Agere Systems

Part # OR3T125-6BA352
Description  3C and 3T Field-Programmable Gate Arrays
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3T125-6BA352 Datasheet(HTML) 6 Page - Agere Systems

Back Button OR3T125-6BA352 Datasheet HTML 2Page - Agere Systems OR3T125-6BA352 Datasheet HTML 3Page - Agere Systems OR3T125-6BA352 Datasheet HTML 4Page - Agere Systems OR3T125-6BA352 Datasheet HTML 5Page - Agere Systems OR3T125-6BA352 Datasheet HTML 6Page - Agere Systems OR3T125-6BA352 Datasheet HTML 7Page - Agere Systems OR3T125-6BA352 Datasheet HTML 8Page - Agere Systems OR3T125-6BA352 Datasheet HTML 9Page - Agere Systems OR3T125-6BA352 Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 210 page
background image
6
6
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
System-Level Features
System-level features reduce glue logic requirements
and make a system on a chip possible. These features
in the
ORCA Series 3 include:
s
Full PCI local bus compliance.
s
Dual-use microprocessor interface (MPI) can be
used for configuration, readback, device control, and
device status, as well as for a general-purpose inter-
face to the FPGA. Glueless interface to
i960 * and
PowerPCprocessors with user-configurable
address space provided.
s
Parallel readback of configuration data capability with
the built-in microprocessor interface.
s
Programmable clock manager (PCM) adjusts clock
phase and duty cycle for input clock rates from
5 MHz to 120 MHz. The PCM may be combined with
FPGA logic to create complex functions, such as dig-
ital phase-locked loops (DPLL), frequency counters,
and frequency synthesizers or clock doublers. Two
PCMs are provided per device.
s
True, internal, 3-state, bidirectional buses with simple
control provided by the SLIC.
s
32 x 4 RAM per PFU, configurable as single- or dual-
port at >176 MHz. Create large, fast RAM/ROM
blocks (128 x 8 in only eight PFUs) using the SLIC
decoders as bank drivers.
*
i960 is a registered trademark of Intel Corporation.
PowerPC is a registered trademark of International Business
Machines Corporation.
Table 2.
ORCA Series 3 System Performance
1. Implemented using 8 x 1 multiplier mode (unpipelined), register-to-register, two 8-bit inputs, one 16-bit output.
2. Implemented using two 32 x 12 ROMs and one 12-bit adder, one 8-bit input, one fixed operand, one 16-bit output.
3. Implemented using 8 x 1 multiplier mode (fully pipelined), two 8-bit inputs, one 16-bit output (7 of 15 PFUs contain only pipelining registers).
4. Implemented using 32 x 4 RAM mode with read data on 3-state buffer to bidirectional read/write bus.
5. Implemented using 32 x 4 dual-port RAM mode.
6. Implemented in one partially occupied SLIC with decoded output set up to CE in same PLC.
7. Implemented in five partially occupied SLICs.
Parameter
# PFUs
Speed
Unit
-4
-5
-6
-7
16-bit Loadable Up/Down Counter
2
78
102
131
168
MHz
16-bit Accumulator
2
78
102
131
168
MHz
8 x 8 Parallel Multiplier:
Multiplier Mode, Unpipelined1
ROM Mode, Unpipelined2
Multiplier Mode, Pipelined3
11.5
8
15
19
51
76
25
66
104
30
80
127
38
102
166
MHz
MHz
MHz
32 x 16 RAM (synchronous):
Single-port, 3-state Bus4
Dual-port5
4
4
97
127
127
166
151
203
192
253
MHz
MHz
128 x 8 RAM (synchronous):
Single-port, 3-state Bus4
Dual-port5
8
8
88
88
116
116
139
139
176
176
MHz
MHz
8-bit Address Decode (internal):
Using Softwired LUTs
Using SLICs6
0.25
0
4.87
2.35
3.66
1.82
2.58
1.23
2.03
0.99
ns
ns
32-bit Address Decode (internal):
Using Softwired LUTs
Using SLICs7
2
0
16.06
6.91
12.07
5.41
9.01
4.21
7.03
3.37
ns
ns
36-bit Parity Check (internal)
2
16.06
12.07
9.01
7.03
ns


Similar Part No. - OR3T125-6BA352

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T125 AGERE-OR3T125 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results

Similar Description - OR3T125-6BA352

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T20 AGERE-OR3T20 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000E XILINX-XC4000E Datasheet
712Kb / 68P
   XC4000E and XC4000X Series Field Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com