Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7608-40B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK7608-40B
Description  TRENCHMOS-TM STANDARD LEVELl FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7608-40B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK7608-40B Datasheet HTML 3Page - NXP Semiconductors BUK7608-40B Datasheet HTML 4Page - NXP Semiconductors BUK7608-40B Datasheet HTML 5Page - NXP Semiconductors BUK7608-40B Datasheet HTML 6Page - NXP Semiconductors BUK7608-40B Datasheet HTML 7Page - NXP Semiconductors BUK7608-40B Datasheet HTML 8Page - NXP Semiconductors BUK7608-40B Datasheet HTML 9Page - NXP Semiconductors BUK7608-40B Datasheet HTML 10Page - NXP Semiconductors BUK7608-40B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Philips Semiconductors
BUK75/7608-40B
TrenchMOS™ standard level FET
Product data
Rev. 01 — 08 April 2003
7 of 15
9397 750 11234
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Tj =25 °C; tp = 300 µsTj =25 °C; ID =25A
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Drain-source on-state resistance as a function
of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03nm29
0
100
200
300
02
46
8
10
VDS (V)
ID
(A)
Label is VGS (V)
9.5
9
8.5
8
7.5
7
6.5
6
5.5
5
4.5
20
14
12
10
03nm28
4
6
8
10
12
14
5
101520
VGS (V)
RDSon
(m
Ω)
03nm30
4
8
12
16
0
100
200
300
ID (A)
RDSon
(m
Ω)
Label is VGS (V)
6
6.5
7
20
10
8
03aa27
0
0.5
1
1.5
2
-60
0
60
120
180
Tj (°C)
a
a
R
DSon
R
DSon 25 C
°
()
-----------------------------
=


Similar Part No. - BUK7608-40B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7608-40B NXP-BUK7608-40B Datasheet
90Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 02-16 November 2007
BUK7608-40B NXP-BUK7608-40B Datasheet
194Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 04-24 September 2008
logo
Inchange Semiconductor ...
BUK7608-40B ISC-BUK7608-40B Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7608-40B NEXPERIA-BUK7608-40B Datasheet
707Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 04 - 24 September 2008
logo
NXP Semiconductors
BUK7608-40B PHILIPS-BUK7608-40B_15 Datasheet
202Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 04-24 September 2008
More results

Similar Description - BUK7608-40B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7511-55B PHILIPS-BUK7511-55B Datasheet
290Kb / 16P
   TRENCHMOS-TM STANDARD LEVEL FET
Rev. 02-11 November 2003
PHX8NQ11T PHILIPS-PHX8NQ11T Datasheet
90Kb / 12P
   N-channel TrenchMOS-TM standard level FET
Rev. 01-14 May 2004
PHP176NQ04T PHILIPS-PHP176NQ04T Datasheet
91Kb / 13P
   N-channel TrenchMOS-TM standard level FET
Rev. 01-10 May 2004
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com