Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7608-40B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUK7608-40B
Description  TRENCHMOS-TM STANDARD LEVELl FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7608-40B Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK7608-40B Datasheet HTML 1Page - NXP Semiconductors BUK7608-40B Datasheet HTML 2Page - NXP Semiconductors BUK7608-40B Datasheet HTML 3Page - NXP Semiconductors BUK7608-40B Datasheet HTML 4Page - NXP Semiconductors BUK7608-40B Datasheet HTML 5Page - NXP Semiconductors BUK7608-40B Datasheet HTML 6Page - NXP Semiconductors BUK7608-40B Datasheet HTML 7Page - NXP Semiconductors BUK7608-40B Datasheet HTML 8Page - NXP Semiconductors BUK7608-40B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
BUK75/7608-40B
TrenchMOS™ standard level FET
Rev. 01 — 08 April 2003
Product data
1.
Product profile
1.1 Description
N-channel enhancement mode field-effect power transistor in a plastic package using
Philips High-Performance Automotive (HPA) TrenchMOS™ technology.
Product availability:
BUK7508-40B in SOT78 (TO-220AB)
BUK7608-40B in SOT404 (D2-PAK).
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
[1]
It is not possible to make connection to pin 2 of the SOT404 package.
s Very low on-state resistance
s Q101 compliant
s 175
°C rated
s Standard level compatible.
s Automotive systems
s 12 V loads
s Motors, lamps and solenoids
s General purpose power switching.
s EDS(AL)S ≤ 241 mJ
s RDSon = 6.6 mΩ (typ)
s ID ≤ 75 A
s Ptot ≤ 157 W.
Table 1:
Pinning - SOT78 and SOT404, simplified outlines and symbol
Pin
Description
Simplified outline
Symbol
1
gate (g)
SOT78 (TO-220AB)
SOT404 (D2-PAK)
2
drain (d)
[1]
3
source (s)
mb
mounting base,
connected to
drain (d)
MBK106
12
mb
3
13
2
MBK116
mb
s
d
g
MBB076


Similar Part No. - BUK7608-40B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7608-40B NXP-BUK7608-40B Datasheet
90Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 02-16 November 2007
BUK7608-40B NXP-BUK7608-40B Datasheet
194Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 04-24 September 2008
logo
Inchange Semiconductor ...
BUK7608-40B ISC-BUK7608-40B Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7608-40B NEXPERIA-BUK7608-40B Datasheet
707Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 04 - 24 September 2008
logo
NXP Semiconductors
BUK7608-40B PHILIPS-BUK7608-40B_15 Datasheet
202Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 04-24 September 2008
More results

Similar Description - BUK7608-40B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7511-55B PHILIPS-BUK7511-55B Datasheet
290Kb / 16P
   TRENCHMOS-TM STANDARD LEVEL FET
Rev. 02-11 November 2003
PHX8NQ11T PHILIPS-PHX8NQ11T Datasheet
90Kb / 12P
   N-channel TrenchMOS-TM standard level FET
Rev. 01-14 May 2004
PHP176NQ04T PHILIPS-PHP176NQ04T Datasheet
91Kb / 13P
   N-channel TrenchMOS-TM standard level FET
Rev. 01-10 May 2004
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com