Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MAX2602 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2602
Description  11dB Gain at 836MHz Evaluation Kit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2602 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2602 Datasheet HTML 1Page - Maxim Integrated Products MAX2602 Datasheet HTML 2Page - Maxim Integrated Products MAX2602 Datasheet HTML 3Page - Maxim Integrated Products MAX2602 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Output Matching Network
The RF output is taken from pin 8 and is not at 50
impedance, so a matching network is required. The
matching network consists of a shunt capacitor at the
collector (C3), a DC-blocking capacitor (C7), a 50
transmission line (T2), and a shunt capacitor (C2).
Evaluating the MAX2602
Without the Biasing Diode
To evaluate the MAX2602 without the biasing diode
(functionally equivalent to the MAX2601), the 0
Ω resis-
tor (R3) must be removed, and the 430
Ω resistor (R1)
must be replaced by a 0
Ω resistor (a short) (Figure 2).
Now an external bias voltage may be connected to the
EV kit’s VB input. The biasing diode is no longer con-
nected, so the EV kit will not work without an external
biasing voltage. To avoid damage to the MAX2602 in
this mode, be sure to turn the VC supply on before the
VB supply. When turning the part off, turn the VB supply
off first and then the VC supply. External bias voltages
ranging from 0V to 0.85V are typically used.
_____________Layout Considerations
For best results, use the MAX2602 EV kit as a layout
guide. The most critical connection is the emitter-
ground contact on the MAX2602’s bottom side. On the
EV kit, this contact is made through a large (0.1 inch,
2.5mm diameter) plated through-hole in the board,
located directly under the part. This contact must be
soldered directly to a large ground plane, as it is the
principal path for heat dissipation, as well as the low-
inductance emitter ground. The MAX2602 EV kit uses
its ground plane as the heatsink.
MAX2602 Evaluation Kit
_______________________________________________________________________________________
3
VB
VC
R1
0
T1
T2
L2
18.5nH
C9
0.1
µF
C1
2pF
IN
C5
1000pF
C10
0.1
µF
C8
1000pF
C11
1000pF
C12
1000pF
C6
1000pF
C7
1000pF
L1
100nH
R2
24
C4
12pF
1
3
8
2, 6, 7
BACK-SIDE SLUG
4
5
C2
2pF
OUT
C3
10pF
U1
Figure 2. MAX2602 EV Kit Schematic Without the Bias Diode


Similar Part No. - MAX2602

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2602 MAXIM-MAX2602 Datasheet
39Kb / 4P
   Evaluation Kit
1997
MAX2602 MAXIM-MAX2602 Datasheet
93Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
Rev 3; 9/08
MAX2602E/D MAXIM-MAX2602E/D Datasheet
47Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
MAX2602ESA MAXIM-MAX2602ESA Datasheet
47Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
MAX2602ESA MAXIM-MAX2602ESA Datasheet
93Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
Rev 3; 9/08
More results

Similar Description - MAX2602

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
CML Microcircuits
CML Microcircuits
EV8680 CMLMICRO-EV8680 Datasheet
699Kb / 39P
   Evaluation Kit
Maxim Integrated Products
Maxim Integrated Produc...
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
   Evaluation Kit
Rev 0; 10/05
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com