Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST300S16P0 Datasheet(PDF) 5 Page - International Rectifier

Part # ST300S16P0
Description  PHASE CONTROL THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST300S16P0 Datasheet(HTML) 5 Page - International Rectifier

  ST300S16P0 Datasheet HTML 1Page - International Rectifier ST300S16P0 Datasheet HTML 2Page - International Rectifier ST300S16P0 Datasheet HTML 3Page - International Rectifier ST300S16P0 Datasheet HTML 4Page - International Rectifier ST300S16P0 Datasheet HTML 5Page - International Rectifier ST300S16P0 Datasheet HTML 6Page - International Rectifier ST300S16P0 Datasheet HTML 7Page - International Rectifier ST300S16P0 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ST300S Series
5
Bulletin I25158 rev. B 01/94
www.irf.com
Fast-on Terminals
Case Style TO-209AE (TO-118)
All dimensions in millimeters (inches)
Outline Table
Case Style TO-209AE (TO-118)
with top thread terminal 3/8"
All dimensions in millimeters (inches)
RED CATHODE
RED SILICON RUBBER
10.5 (0.41)
WHITE GATE
4.3 (0.17) DIA.
CERAMIC HOUSING
WHITE SHRINK
NOM.
38 (1.50)
MAX. DIA.
* FOR METRIC DEVICE: M24 X 1.5 - LENGHT SCREW 21 (0.83) MAX.
22 (0.87) MAX.
SW 45
2
FLEXIBLE LEAD
4.5 (0.18) MAX.
C.S. 50mm
(0.078 s.i.)
RED SHRINK
49 (1.92) MAX.
3/4"16 UNF-2A
38 (1.5)
DIA. MAX.
CERAMIC HOUSING
SW 45
* FOR METRIC DEVICE: M24 x 1.5 - LENGHT SCREW 21 (0.83) MAX.
3/4"-16UNF-2A *
3/8"-24UNF-2A
17 (0.67) DIA.
AMP. 280000-1
REF-250


Similar Part No. - ST300S16P0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST300S VISHAY-ST300S Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
ST300S20P0-PBF VISHAY-ST300S20P0-PBF Datasheet
145Kb / 7P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
ST300SPBF VISHAY-ST300SPBF Datasheet
145Kb / 7P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
More results

Similar Description - ST300S16P0

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com