Electronic Components Datasheet Search |
|
ST300S08P1 Datasheet(PDF) 2 Page - International Rectifier |
|
ST300S08P1 Datasheet(HTML) 2 Page - International Rectifier |
2 / 8 page ST300S Series 2 Bulletin I25158 rev. B 01/94 www.irf.com ELECTRICAL SPECIFICATIONS Voltage Ratings Voltage V DRM /V RRM , max. repetitive V RSM , maximum non- I DRM /I RRM max. Type number Code peak and off-state voltage repetitive peak voltage @ T J = TJ max VV mA 04 400 500 08 800 900 12 1200 1300 16 1600 1700 18 1800 1900 20 2000 2100 ST300S 50 I T(AV) Max. average on-state current 300 A 180° conduction, half sine wave @ Case temperature 75 °C I T(RMS) Max. RMS on-state current 470 A DC @ 64°C case temperature I TSM Max. peak, one-cycle 8000 t = 10ms No voltage non-repetitive surge current 8380 t = 8.3ms reapplied 6730 t = 10ms 100% V RRM 7040 t = 8.3ms reapplied Sinusoidal half wave, I2t Maximum I2t for fusing 320 t = 10ms No voltage Initial T J = T J max. 292 t = 8.3ms reapplied 226 t = 10ms 100% V RRM 207 t = 8.3ms reapplied I 2 √t Maximum I 2 √t for fusing 3200 KA 2 √s t = 0.1 to 10ms, no voltage reapplied V T(TO)1 Low level value of threshold voltage V T(TO)2 High level value of threshold voltage r t1 Low level value of on-state slope resistance r t2 High level value of on-state slope resistance V TM Max. on-state voltage 1.66 V I pk = 940A, T J = TJ max, t p = 10ms sine pulse I H Maximum holding current 600 I L Typical latching current 1000 0.97 (16.7% x π x I T(AV) < I < π x IT(AV)), TJ = TJ max. 0.74 (16.7% x π x I T(AV) < I < π x IT(AV)), TJ = TJ max. 0.73 (I > π x I T(AV)),TJ = TJ max. Parameter ST300S Units Conditions 0.98 (I > π x I T(AV)),TJ = TJ max. On-state Conduction KA2s m Ω mA T J = 25°C, anode supply 12V resistive load V A |
Similar Part No. - ST300S08P1 |
|
Similar Description - ST300S08P1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |