Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5A2250A01-D0B0 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S5A2250A01-D0B0
Description  DUAL ELECTRONIC VOLUME CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5A2250A01-D0B0 Datasheet(HTML) 4 Page - Samsung semiconductor

  S5A2250A01-D0B0 Datasheet HTML 1Page - Samsung semiconductor S5A2250A01-D0B0 Datasheet HTML 2Page - Samsung semiconductor S5A2250A01-D0B0 Datasheet HTML 3Page - Samsung semiconductor S5A2250A01-D0B0 Datasheet HTML 4Page - Samsung semiconductor S5A2250A01-D0B0 Datasheet HTML 5Page - Samsung semiconductor S5A2250A01-D0B0 Datasheet HTML 6Page - Samsung semiconductor S5A2250A01-D0B0 Datasheet HTML 7Page - Samsung semiconductor S5A2250A01-D0B0 Datasheet HTML 8Page - Samsung semiconductor S5A2250A01-D0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
S5A2250A01
DUAL ELECTRONIC VOLUME CONTROL
4
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C)
ELECTRICAL CHARACTERISTICS
(VDD = 12V, f = 1kHz, Ta = 25°C, unless otherwise specified)
Characteristic
Symbol
Value
Unit
Supply Voltage
VDD
13
V
Power Dissipation
PD
150
mW
Operating Temperature
TOPR
− 20 − + 75
°C
Storage Temperature
TSTG
− 55 − + 125
°C
Input Voltage
VI
VDD + 0.3 − VSS - 0.3
V
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Circuit Current
IDD1
IDD2
VDD = 13V
VDD = 6V
0.1
0.1
1.0
0.8
2.5
2.0
mA
Attenuator Resistor
RATT1
pin 3 - pin 4
pin 14 - pin 13
25
50
70
k
RATT2
pin 5 - pin 4
pin 12 - pin 13
10
20
30
Backup Current
lBACKUP
VDD = 4V, s/w1 = b
10
µA
Input High Voltage
Input Low Voltage
VIH
VIL
−up (down) s/w on
s/w1 = a
9.6
11.8
0.5
12.3
1.2
V
Total Harmonic
Distortion
THD
VI = 1.0 Vpp,
ATT = 10dB, f = 15kHz
0.005
0.01
%
Attenuator Error
VATT(ERR)
VO = 5 step
−2
0
2
dB
Max Input Amplitude
VI(MAX)
THD = 1%, VOL = max
1.0
2.5
4.0
Vrms
DCO Output current
IO(DCO)
1 step
70
100
140
µA
Cross Talk
CT
ATT =
− 10dB
55
65
dB
Operating Frequency
fOSC1
fOSC2
UP/SW ON, S/W 3 = a
S/W 3 = d
5
9
13
11
20
13
Hz
kHz


Similar Part No. - S5A2250A01-D0B0

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5A MCC-S5A Datasheet
345Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
Guangdong Juxing Electr...
S5A JUXING-S5A Datasheet
1Mb / 2P
   Surface Mount Standard Rectifiers
logo
Shenzhen Taychipst Elec...
S5A TAYCHIPST-S5A Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Nanjing International G...
S5A DGNJDZ-S5A Datasheet
165Kb / 2P
   5.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Semikron International
S5A SEMIKRON-S5A Datasheet
113Kb / 2P
   Standard silicon rectifier diodes
More results

Similar Description - S5A2250A01-D0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2250 SAMSUNG-KA2250 Datasheet
196Kb / 8P
   DUAL ELECTRONIC VOLUME CONTROL
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
   Electronic volume control
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
   Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
logo
ACE Technology Co., LTD...
ACE624 ACE-ACE624 Datasheet
169Kb / 8P
   Serial data control dual electronic volume
VER 1.2
logo
Unisonic Technologies
U2429 UTC-U2429_15 Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M62429P RENESAS-M62429P Datasheet
120Kb / 9P
   Serial Data Control Dual Electronic Volume
logo
Mitsubishi Electric Sem...
M5241L MITSUBISHI-M5241L Datasheet
813Kb / 12P
   DUAL VCA FOR ELECTRONIC VOLUME CONTROL
M62429P MITSUBISHI-M62429P Datasheet
32Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Unisonic Technologies
U2429 UTC-U2429 Datasheet
102Kb / 5P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com