Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5A2250A01-D0B0 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S5A2250A01-D0B0
Description  DUAL ELECTRONIC VOLUME CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5A2250A01-D0B0 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S5A2250A01-D0B0 Datasheet HTML 4Page - Samsung semiconductor S5A2250A01-D0B0 Datasheet HTML 5Page - Samsung semiconductor S5A2250A01-D0B0 Datasheet HTML 6Page - Samsung semiconductor S5A2250A01-D0B0 Datasheet HTML 7Page - Samsung semiconductor S5A2250A01-D0B0 Datasheet HTML 8Page - Samsung semiconductor S5A2250A01-D0B0 Datasheet HTML 9Page - Samsung semiconductor S5A2250A01-D0B0 Datasheet HTML 10Page - Samsung semiconductor S5A2250A01-D0B0 Datasheet HTML 11Page - Samsung semiconductor S5A2250A01-D0B0 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
S5A2250A01
DUAL ELECTRONIC VOLUME CONTROL
10
POWER SUPPLY
The S5A2250A01 is able to carry art single power supply operation as well as split power supply operation.
Split Power Supply
16
10
4
1
7
8
9
+
VDD
DCO
UP
DOWN
S5A2250A01
+VDD
0V
-VSS


Similar Part No. - S5A2250A01-D0B0

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5A MCC-S5A Datasheet
345Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
Guangdong Juxing Electr...
S5A JUXING-S5A Datasheet
1Mb / 2P
   Surface Mount Standard Rectifiers
logo
Shenzhen Taychipst Elec...
S5A TAYCHIPST-S5A Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Nanjing International G...
S5A DGNJDZ-S5A Datasheet
165Kb / 2P
   5.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Semikron International
S5A SEMIKRON-S5A Datasheet
113Kb / 2P
   Standard silicon rectifier diodes
More results

Similar Description - S5A2250A01-D0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2250 SAMSUNG-KA2250 Datasheet
196Kb / 8P
   DUAL ELECTRONIC VOLUME CONTROL
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
   Electronic volume control
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
   Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
logo
ACE Technology Co., LTD...
ACE624 ACE-ACE624 Datasheet
169Kb / 8P
   Serial data control dual electronic volume
VER 1.2
logo
Unisonic Technologies
U2429 UTC-U2429_15 Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M62429P RENESAS-M62429P Datasheet
120Kb / 9P
   Serial Data Control Dual Electronic Volume
logo
Mitsubishi Electric Sem...
M5241L MITSUBISHI-M5241L Datasheet
813Kb / 12P
   DUAL VCA FOR ELECTRONIC VOLUME CONTROL
M62429P MITSUBISHI-M62429P Datasheet
32Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Unisonic Technologies
U2429 UTC-U2429 Datasheet
102Kb / 5P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com