Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD60C32P Datasheet(PDF) 11 Page - AUK corp

Part # SD60C32P
Description  CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD60C32P Datasheet(HTML) 11 Page - AUK corp

Back Button SD60C32P Datasheet HTML 5Page - AUK corp SD60C32P Datasheet HTML 6Page - AUK corp SD60C32P Datasheet HTML 7Page - AUK corp SD60C32P Datasheet HTML 8Page - AUK corp SD60C32P Datasheet HTML 9Page - AUK corp SD60C32P Datasheet HTML 10Page - AUK corp SD60C32P Datasheet HTML 11Page - AUK corp SD60C32P Datasheet HTML 12Page - AUK corp SD60C32P Datasheet HTML 13Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
KSI-W015-000
11
Timing Diagram (Continued)
SD60C32/P SD60C52/P
tQVWX
ALE
PSEN
PORT0
PORT2
Figure 3.
External Data
Memory Write Cycle
WR
P2.0 - P2.7 OR A8 - A15 FROM DPH
A0 - A15 FROM PCH
tWHLH
tLLWL
tWLWH
tWHQX
tLLAX
tAVLL
tAVWL
A0 - A7 FROM PCL
INSTR IN
DATA OUT
A0 - A7
FROM RI OR DPL
VCC
- 0.5
0.45V
0.7VCC
0.2VSS
-0.1
tCLCL
tCLCX
tCHCX
tCLCH
tCHCL
Figure 4. External Clock Drive
Figure 5. AC Testing Input/Output
0.2VCC
+0.9
0.2VCC-0.1
VCC
-0.5
0.45V
NOTE :
AC Inputs during testing are driven at VCC-0.5 for a logic
'1' and 0.45V for a logic '0'. Timing measurements are
made at V IH min for a logic '1' and V IL for a logic '0'
Figure 6. Float Waveform
NOTE :
For timing purposes, a port is no longer floating when a
100mV change from load voltage occurs, and begings
to float when a 100mV change from the loaded VOH /VOL
level occurs.
IOH/IOL
20mA
TIMING
REFERENCE
POINTS
VLOAD
VLOAD
- 0.1V
VLOAD+
+ 0.1V
VOL
+ 0.1V
VOH
- 0.1V


Similar Part No. - SD60C32P

ManufacturerPart #DatasheetDescription
logo
AUK corp
SD60C31 AUK-SD60C31 Datasheet
279Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
SD60C31/P AUK-SD60C31/P Datasheet
279Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
More results

Similar Description - SD60C32P

ManufacturerPart #DatasheetDescription
logo
AUK corp
SD60C31 AUK-SD60C31 Datasheet
279Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
List of Unclassifed Man...
DMC60C52 ETC2-DMC60C52 Datasheet
712Kb / 14P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
Daewoo Semiconductor
DMC60C51 DAEWOO-DMC60C51 Datasheet
579Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
DMC80C49 DAEWOO-DMC80C49 Datasheet
655Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
DMC60C52 DAEWOO-DMC60C52 Datasheet
706Kb / 14P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
Intel Corporation
M8751H-8 INTEL-M8751H-8 Datasheet
1Mb / 16P
   SINGLE-COMPONENT 8 BIT MICROCOMPUTER
logo
List of Unclassifed Man...
DMC60C51 ETC2-DMC60C51 Datasheet
583Kb / 12P
   COMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com