Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARA210A48 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # ARA210A48
Description  MICROWAVE RELAY FOR ATTENUATOR CIRCUIT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARA210A48 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  ARA210A48 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARA210A48 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARA210A48 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
80
RA
9.7
.382
5.9
.232
14.70
.579
mm inch
1. High frequency characteristics
(Impedance 50
Ω, ~1.0GHz)
• Insertion loss; Max. 0.3dB
• Isolation; Min. 20dB (Between open
contacts)
Min. 30dB (Between contact
sets)
• V.S.W.R.; Max. 1.2
2. Surface mount terminal
This relay is a surface-mounted model
with excellent high-frequency proper-
ties. In addition, it can use a microstrip
line in the base circuit design which
spares the labor of machining the base.
3. Low profile small type
9.7(W)
×14.7(L)×5.9(H) mm
.382(W)
×.579(L)×.232(H) inch
4. High sensitivity: 140 mW nominal
operating power
5. High contact reliability
Electrical life: Min. 107 (10mA 10V DC)
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as “Initial breakdown voltage” section.
*2 Detection current: 10mA
*3 Nominal operating voltage applied to the coil, excluding contact bounce time.
*4 By resistive method, nominal voltage applied to the coil: 3W contact carrying
power: at 1.0GHz, Impedance 50
Ω, V.S.W.R. Max.1.2
*5 Half-wave pulse of sine wave: 11ms, detection time: 10
µs.
*6 Half-wave pulse of sine wave: 6ms
*7 Detection time: 10
µs
*8 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61)
Contact
Arrangement
2 Form C
Contact material
Gold-clad silver alloy
Initial contact resistance
Max. 75m
Rating
Contact rating (resistive)
10mA 10 V DC
1A 30 V DC
Contact carrying power
Max. 3W(at 1.0GHz, imped-
ance 50
Ω, V.S.W.R. max.1.2)
Max. switching voltage
30 V DC
Max. switching current
1A
High fre-
quency
character-
istics
(~1GHz,
Imped-
ance 50
Ω)
Isolation
Between
open con-
tacts
Min. 20dB
Between
contact
sets
Min. 30dB
Insertion loss
Max. 0.3dB
V.S.W.R.
Max. 1.2
Input power
Max. 3W(at 1.0GHz, imped-
ance 50
Ω, V.S.W.R. max.1.2)
Nominal
operating
power
Single side stable
140mW (1.5 to 12V)
200mW (24V)
300mW (48V)
1 coil latching
70 mW (1.5 to 12V)
100mW (24V)
2 coil latching
140mW (1.5 to 12V)
200mW (24V)
Expected
life (min.
operation)
Mechanical (at 180 cpm)
108
Electrical
(at 20 cpm)
10mA 10 V
DC(resis-
tive load)
107
1A 30 V DC
(resistive
load)
105
Characteristics
Initial insulation resistance *1
Min. 100 M
Ω(at 500 V DC)
Initial breakdown
voltage *2
Between open con-
tacts
750 Vrms for 1 min.
Between contact
sets
1,000 Vrms for 1 min.
Between contact
and coil
1,000 Vrms for 1 min.
Between contact
and earth terminal
1,000 Vrms for 1 min.
Operate time [Set time] *3 (at 20
°C)
Max. 4ms (Approx. 2ms)
[Max. 4ms (Approx. 2ms)]
Release time (without diode) [Reset time]
*3(at 20
°C)
Max. 4ms (Approx. 1ms)
[Max. 4ms (Approx. 2ms)]
Temperature rise (at 20
°C) *4
Max. 60
°C
Shock resistance
Functional *5
500 m/s2
Destructive *6
1,000 m/s2
Vibration resistance
Functional *7
10 to 55 Hz at double
amplitude of 3mm
Destructive
10 to 55 Hz at double
amplitude of 5mm
Conditions for oper-
ation, transport and
storage *8
(Not freezing and
condensing at low
temperature)
Ambient temp
–40
°C to +85°C
–40°F to +185°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 2g .07oz
SPECIFICATIONS
TYPICAL APPLICATIONS
• Measurement instruments
Oscilloscope attenuator circuit
00
A
03
2
A
Ex.
Operating function
0: Single side stable
1: 1 coil latching
2: 2 coil latching
Contact arrangement
2: 2 Form C
RA
Product name
RA
Note: Standard packing; Carton: 40 pcs. Case 1,000 pcs.
0: Standard
type
(B.B.M)
A: Surface-mount
terminal
Type of operation Terminal shape
1H: 1.5
03: 3
4H: 4.5
05: 5
06: 6
09: 9
12: 12
24: 24
48: 48
Coil voltage, V DC
ORDERING INFORMATION
FEATURES
MICROWAVE RELAY
FOR ATTENUATOR
CIRCUIT
RA-RELAYS


Similar Part No. - ARA210A48

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA2000 ANADIGICS-ARA2000 Datasheet
204Kb / 20P
   Address-Programmable Reverse Amplifier with Step Attenuator
ARA2000 ANADIGICS-ARA2000 Datasheet
1Mb / 21P
   Address-Programmable Reverse Amplifier with Step Attenuator
ARA2000S12P1 ANADIGICS-ARA2000S12P1 Datasheet
204Kb / 20P
   Address-Programmable Reverse Amplifier with Step Attenuator
ARA2000S12P1 ANADIGICS-ARA2000S12P1 Datasheet
1Mb / 21P
   Address-Programmable Reverse Amplifier with Step Attenuator
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
   CATV Reverse Amplifier with step Attenuator
More results

Similar Description - ARA210A48

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
L4445A KEYSIGHT-L4445A Datasheet
436Kb / 10P
   Microwave Switch/Attenuator Driver
logo
Nais(Matsushita Electri...
RK1-12V NAIS-RK1-12V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1-3V NAIS-RK1-3V Datasheet
87Kb / 4P
   1.5 GHz MICROWAVE RELAY
logo
JFW Industries, Inc.
50P-1304 JFW-50P-1304 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-1633 JFW-50P-1633 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-089 JFW-75P-089 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-542 JFW-50P-542 Datasheet
26Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-847 JFW-50P-847 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
75P-022+12 JFW-75P-022+12 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
50P-2033 JFW-50P-2033 Datasheet
27Kb / 1P
   RELAY PROGRAMMABLE ATTENUATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com