Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7810BCN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPT7810BCN
Description  10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPT7810BCN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPT7810BCN Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT7810BCN Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT7810BCN Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT7810BCN Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT7810BCN Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT7810BCN Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT7810BCN Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT7810BCN Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT7810BCN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SPT7810
10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
FEATURES
• Monolithic 20 MSPS Converter
• On-Chip Track/Hold
• Bipolar
±2.0 V Analog Input
• 60 dB SNR @ 1 MHz Input
• Low Power (1.3 W Typical)
• 5 pF input Capacitance
• ECL Outputs
APPLICATIONS
• Medical Imaging
• Professional Video
• Radar Receivers
• Instrumentation
• Electronic Warfare
• Digital Communications
Signal Processing Technologies, Inc.
4755 Forge Road, Colorado Springs, Colorado 80907, USA
Phone: (719) 528-2300
FAX: (719) 528-2370
Analog
Prescaler
10
Digital
Output
Successive Interpolation
Stage i
Successive Interpolation
Stage i+1
Successive Interpolation
Stage N
Analog
Input
4
Coarse
A/D
T/H Amplifier
Bank
GENERAL DESCRIPTION
The SPT7810 A/D converter is a 10-bit monolithic converter
capable of word rates of a minimum of 20 MSPS. On board
track/hold function assures excellent dynamic performance
without the need for external components. Drive require-
ment problems are minimized with an input capacitance of
only 5 pF.
Inputs and outputs are ECL to provide a higher level of noise
immunity in high speed system applications. An overrange
output signal is provided to indicate overflow conditions.
Output data format is straight binary. Power dissipation is
very low at only 1.3 watts with power supply voltages of +5.0
and -5.2 volts. The SPT7810 also provides a wide input
voltage swing of
±2.0 volts.
The SPT7810 is available in a 28-lead ceramic sidebrazed
DIP, PDIP, and die form. Commercial and industrial tempera-
ture ranges are currently offered. Contact the factory for
availability of military temperature range and /883 processed
units.
BLOCK DIAGRAM


Similar Part No. - SPT7810BCN

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7810 CADEKA-SPT7810 Datasheet
437Kb / 9P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
More results

Similar Description - SPT7810BCN

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7810 CADEKA-SPT7810 Datasheet
437Kb / 9P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7814 CADEKA-SPT7814 Datasheet
3Mb / 11P
   10-BIT, 40 MSPS, ECL OUTPUT A/D CONVERTER
logo
List of Unclassifed Man...
SPT7910 ETC2-SPT7910 Datasheet
94Kb / 11P
   12-BIT, 10 MSPS, ECL, A/D CONVERTER
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
   10-BIT, 100 MSPS ECL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
   10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com