Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMN-C120 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HSMN-C120
Description  Right Angle ChipLED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMN-C120 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HSMN-C120 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMN-C120 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMN-C120 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMN-C120 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMN-C120 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMN-C120 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMN-C120 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMN-C120 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMN-C120 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Figure 1. Relative intensity vs. wavelength.
Figure 2. Forward current vs. forward voltage.
Color Bin Limits
Orange Color Bins
Dom. Wavelength (nm)
Bin ID
Min.
Max.
A
597.0
600.0
B
600.0
603.0
C
603.0
606.0
D
606.0
609.0
E
609.0
612.0
F
612.0
615.0
Tolerance:
± 1 nm
Notes:
1.Bin categories are established for
classification of products. Products may not
be available in all categories.
Please contact your Agilent representative
for information on currently available bins.
100
50
0
500
550
600
650
700
750
WAVELENGTH - nm
GaP GREEN
90
80
70
60
40
30
20
10
GaP ORANGE
HER
AlGaAs RED
100
50
0
400
450
550
600
650
700
WAVELENGTH - nm
InGaN BLUE
90
80
70
60
40
30
20
10
AS ORANGE
500
InGaN GREEN
AS AMBER
AS RED
GaP ORANGE
100
10
1
0.1
1.5
1.6
2.0
2.3
VF – FORWARD VOLTAGE – V
AS AllnGaP
1.7
1.8
1.9
2.1
2.2
AlGaAs
HER
GaP GREEN
100
10
1
0.1
1.5
2.0
4.0
VF – FORWARD VOLTAGE – V
HSMM,
HSMN InGaN
2.5
3.0
3.5
HSMQ,
HSMR InGaN


Similar Part No. - HSMN-C120

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMN-C120 AVAGO-HSMN-C120 Datasheet
206Kb / 9P
   High brightness
More results

Similar Description - HSMN-C120

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMQ-C380 BOARDCOM-HSMQ-C380 Datasheet
807Kb / 9P
   Narrow Angle SMT Green ChipLED
HSMA-C380 BOARDCOM-HSMA-C380 Datasheet
734Kb / 9P
   Narrow Angle SMT Amber ChipLED
HSMQ-C350 BOARDCOM-HSMQ-C350 Datasheet
765Kb / 9P
   Narrow Angle SMT Green ChipLED
HSMA-C350 BOARDCOM-HSMA-C350 Datasheet
737Kb / 9P
   Narrow Angle SMT Amber ChipLED
HSMC-C380 BOARDCOM-HSMC-C380 Datasheet
784Kb / 9P
   Narrow Angle SMT Red ChipLED
HSMC-C350 BOARDCOM-HSMC-C350 Datasheet
739Kb / 9P
   Narrow Angle SMT Red ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CB00 AVAGO-ASMT-CB00 Datasheet
305Kb / 7P
   InGaN Blue, 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
Broadcom Corporation.
ASMT-CA00 BOARDCOM-ASMT-CA00 Datasheet
334Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CA00 AVAGO-ASMT-CA00 Datasheet
243Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
ASMT-CW00 AVAGO-ASMT-CW00 Datasheet
333Kb / 7P
   InGaN White, 0.4mm Low Profile Right Angle Surface Mount ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com