Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMQ-C120 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMQ-C120
Description  Right Angle ChipLED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMQ-C120 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMQ-C120 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMQ-C120 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMQ-C120 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMQ-C120 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMQ-C120 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMQ-C120 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMQ-C120 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMQ-C120 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMQ-C120 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Absolute Maximum Ratings at TA = 25˚C
HSMA/C/L-
HSMD/G/S-
HSMH-
HSMM/N-
HSMQ/R-
Parameter
C120
C120
C120
C120
C120
Units
DC Forward Current[1] [2]
25
20
25
20
20
mA
Power Dissipation
60
52
65
78
78
mW
Reverse Voltage (IR = 100 µA)
555
5
5
V
LED Junction Temperature
95
95
95
95
95
˚C
Operating Temperature Range
–30 to +85
˚C
Storage Temperature Range
–40 to +85
˚C
Soldering Temperature
See IR soldering profile (Figure 6)
Notes:
1. Derate linearly as shown in Figure 4.
2. Drive currents above 5 mA are recommended for best long term performance.
Electrical Characteristics at TA = 25˚C
Forward
Reverse
Voltage
Breakdown
Capacitance C
Thermal
VF (Volts)
VR (Volts)
(pF), VF = 0,
Resistance
@ IF = 20 mA
@ IR = 100 µA
f = 1 MHz
R
θJ-PIN (˚C/W)
Part Number
Typ.
Max.
Min.
Typ.
Typ.
HSMA-C120
1.9
2.4
5
11
400
HSMC-C120
1.9
2.4
5
15
400
HSML-C120
1.9
2.4
5
20
400
HSMD-C120
2.2
2.6
5
7
350
HSMG-C120
2.2
2.6
5
9
350
HSMS-C120
2.1
2.6
5
5
350
HSMH-C120
1.8
2.6
5
20
400
HSMM-C120
3.4
3.9
5
45
450
HSMN-C120
3.4
3.9
5
45
450
HSMQ-C120
3.4
3.9
5
100
450
HSMR-C120
3.4
3.9
5
100
450
Note:
1. VF tolerance:
± 0.1 V


Similar Part No. - HSMQ-C120

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMQ-C120 AVAGO-HSMQ-C120 Datasheet
455Kb / 12P
   High Performance Chip LED
HSMQ-C120 AVAGO-HSMQ-C120 Datasheet
229Kb / 6P
   Product Obsolescence Notification
logo
Agilent(Hewlett-Packard...
HSMQ-C120 HP-HSMQ-C120 Datasheet
256Kb / 13P
   Agilent HSMx-C1xx High Performance Chip LED
More results

Similar Description - HSMQ-C120

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMQ-C380 BOARDCOM-HSMQ-C380 Datasheet
807Kb / 9P
   Narrow Angle SMT Green ChipLED
HSMA-C380 BOARDCOM-HSMA-C380 Datasheet
734Kb / 9P
   Narrow Angle SMT Amber ChipLED
HSMQ-C350 BOARDCOM-HSMQ-C350 Datasheet
765Kb / 9P
   Narrow Angle SMT Green ChipLED
HSMA-C350 BOARDCOM-HSMA-C350 Datasheet
737Kb / 9P
   Narrow Angle SMT Amber ChipLED
HSMC-C380 BOARDCOM-HSMC-C380 Datasheet
784Kb / 9P
   Narrow Angle SMT Red ChipLED
HSMC-C350 BOARDCOM-HSMC-C350 Datasheet
739Kb / 9P
   Narrow Angle SMT Red ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CB00 AVAGO-ASMT-CB00 Datasheet
305Kb / 7P
   InGaN Blue, 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
Broadcom Corporation.
ASMT-CA00 BOARDCOM-ASMT-CA00 Datasheet
334Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CA00 AVAGO-ASMT-CA00 Datasheet
243Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
ASMT-CW00 AVAGO-ASMT-CW00 Datasheet
333Kb / 7P
   InGaN White, 0.4mm Low Profile Right Angle Surface Mount ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com