Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMR-C120 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSMR-C120
Description  Right Angle ChipLED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMR-C120 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSMR-C120 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMR-C120 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMR-C120 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMR-C120 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMR-C120 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMR-C120 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMR-C120 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMR-C120 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMR-C120 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Description
This series of right angle mount
ChipLEDs is designed with the
smallest footprint to achieve high
density of components on board.
They have the industry standard
footprint of 1.6 mm x 1.0 mm
and a height of only 0.6 mm. This
makes them very suitable for
cellular phone and mobile
equipment backlighting and
Agilent HSMA/C/L-C120,
HSMD/G/S/H-C120, HSMM/N/Q/R-C120
Right Angle ChipLED
Data Sheet
Features
• Small size right angle mount
• 0603 industry standard footprint
• Operating temperature range of
–30˚C to +85˚C
• Available in various colors
• Compatible with IR solder reflow
• Available in 8 mm tape on 7"
diameter reel
• Reel sealed in zip locked
moisture barrier bags
Applications
• LCD backlighting
• Keypad backlighting
• Pushbutton backlighting
• Symbol indicator
CAUTION: HSMM/N/Q/R-C120 LEDs are Class 1 ESD sensitive per MIL-STD-1686. Please observe
appropriate precautions during handling and processing. Refer to Agilent Technologies Application
Note AN-1142 for additional details.
indication application where
space is a constraint. They are
available in a wide range of color
combination. In order to facilitate
automated pick and place
operation, these ChipLEDs are
shipped in tape and reel, with
4000 units per reel. These parts
are compatible with IR soldering.


Similar Part No. - HSMR-C120

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMR-C120 AVAGO-HSMR-C120 Datasheet
455Kb / 12P
   High Performance Chip LED
logo
Agilent(Hewlett-Packard...
HSMR-C120 HP-HSMR-C120 Datasheet
256Kb / 13P
   Agilent HSMx-C1xx High Performance Chip LED
More results

Similar Description - HSMR-C120

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMQ-C380 BOARDCOM-HSMQ-C380 Datasheet
807Kb / 9P
   Narrow Angle SMT Green ChipLED
HSMA-C380 BOARDCOM-HSMA-C380 Datasheet
734Kb / 9P
   Narrow Angle SMT Amber ChipLED
HSMQ-C350 BOARDCOM-HSMQ-C350 Datasheet
765Kb / 9P
   Narrow Angle SMT Green ChipLED
HSMA-C350 BOARDCOM-HSMA-C350 Datasheet
737Kb / 9P
   Narrow Angle SMT Amber ChipLED
HSMC-C380 BOARDCOM-HSMC-C380 Datasheet
784Kb / 9P
   Narrow Angle SMT Red ChipLED
HSMC-C350 BOARDCOM-HSMC-C350 Datasheet
739Kb / 9P
   Narrow Angle SMT Red ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CB00 AVAGO-ASMT-CB00 Datasheet
305Kb / 7P
   InGaN Blue, 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
Broadcom Corporation.
ASMT-CA00 BOARDCOM-ASMT-CA00 Datasheet
334Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CA00 AVAGO-ASMT-CA00 Datasheet
243Kb / 6P
   AlInGaP Amber, 0.4mm Low Profile Right Angle Surface Mount ChipLED
ASMT-CW00 AVAGO-ASMT-CW00 Datasheet
333Kb / 7P
   InGaN White, 0.4mm Low Profile Right Angle Surface Mount ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com