Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC2310 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MC2310
Description  Technical Specifications for Brushless Servo Motion Control
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC2310 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MC2310 Datasheet HTML 5Page - List of Unclassifed Manufacturers MC2310 Datasheet HTML 6Page - List of Unclassifed Manufacturers MC2310 Datasheet HTML 7Page - List of Unclassifed Manufacturers MC2310 Datasheet HTML 8Page - List of Unclassifed Manufacturers MC2310 Datasheet HTML 9Page - List of Unclassifed Manufacturers MC2310 Datasheet HTML 10Page - List of Unclassifed Manufacturers MC2310 Datasheet HTML 11Page - List of Unclassifed Manufacturers MC2310 Datasheet HTML 12Page - List of Unclassifed Manufacturers MC2310 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
MC2300 Technical Specifications
9
1 The Navigator Family
MC2100
Series
MC2300
Series
MC2400
Series
MC2500
Series
MC2800
Series
# of axes
4, 2, or 1
4, 2 or 1
4, 2 or 1
4, 2, or 1
4 or 2
Motor type supported
Brushed servo
Brushless
servo
Stepping
Stepping
Brushed servo
+ brushless servo
Output format
Brushed servo
(single phase)
Commutated
(6-step or
sinusoidal)
Microstepping
Pulse and
direction
Brushed servo
(single phase)
+ commutated
(6-step sinusoidal)
Incremental encoder
input
Parallel word device input
Parallel communication
Serial communication
Diagnostic port
S-curve profiling
Electronic gearing
On-the-fly changes
Directional limit switches
Programmable bit output
Software-invertable
signals
PID servo control
-
-
Feedforward (accel & vel)
-
-
Derivative sampling time
-
-
Data trace/diagnostics
PWM output
-
Motion error detection
(with
encoder)
(with
encoder)
Axis settled indicator
(with
encoder)
(with
encoder)
DAC-compatible output
-
Pulse & direction output
-
-
-
-
Index & Home signals
Position capture
Analog input
User-defined I/O
External RAM support
Multi-chip
synchronization
(21x3)
(23x3)
(24x3)
(28x3)
Chipset part numbers
MC2140
(4 axes)
MC2120
(2 axes)
MC2110
(1 axis)
MC2340
(4 axes)
MC2320
(2 axes)
MC2310
(1 axis)
MC2440
(4 axes)
MC2420
(2 axes)
MC2410
(1 axis)
MC2540
(4 axes)
MC2520
(2 axes)
MC2510
(1 axis)
MC2840
(4 axes)
MC2820
(2 axes)
Developer's Kit p/n's:
DK2100
DK2300
DK2400
DK2500
DK2800


Similar Part No. - MC2310

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MC2310 MA-COM-MC2310 Datasheet
93Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2310 MA-COM-MC2310 Datasheet
93Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2310-2 MA-COM-MC2310-2 Datasheet
93Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2310 MA-COM-MC2310_15 Datasheet
93Kb / 3P
   Open Carrier Double-Balanced Mixer
More results

Similar Description - MC2310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SV2B5-Q-RE ETC2-SV2B5-Q-RE Datasheet
165Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A3-Q-AE ETC2-SV2A3-Q-AE Datasheet
155Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A3-Q-EE ETC2-SV2A3-Q-EE Datasheet
156Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A3-Q-RE ETC2-SV2A3-Q-RE Datasheet
156Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A5-Q-RE ETC2-SV2A5-Q-RE Datasheet
163Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B5-Q-EE ETC2-SV2B5-Q-EE Datasheet
165Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B3-Q-AE ETC2-SV2B3-Q-AE Datasheet
157Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A5-Q-AE ETC2-SV2A5-Q-AE Datasheet
163Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B3-Q-RE ETC2-SV2B3-Q-RE Datasheet
158Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B5-Q-AE ETC2-SV2B5-Q-AE Datasheet
235Kb / 4P
   Digital Servo Drive w/ On-board motion control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com