Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1577K-12 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1577K-12
Description  SIMPLE SWITCHER-R Step-Up Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1577K-12 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM1577K-12 Datasheet HTML 2Page - National Semiconductor (TI) LM1577K-12 Datasheet HTML 3Page - National Semiconductor (TI) LM1577K-12 Datasheet HTML 4Page - National Semiconductor (TI) LM1577K-12 Datasheet HTML 5Page - National Semiconductor (TI) LM1577K-12 Datasheet HTML 6Page - National Semiconductor (TI) LM1577K-12 Datasheet HTML 7Page - National Semiconductor (TI) LM1577K-12 Datasheet HTML 8Page - National Semiconductor (TI) LM1577K-12 Datasheet HTML 9Page - National Semiconductor (TI) LM1577K-12 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Electrical Characteristics — LM1577-ADJ, LM2577-ADJ (Continued)
Specifications with standard type face are for T
J = 25˚C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, V
IN = 5V, VFEEDBACK = VREF, and ISWITCH = 0.
LM1577-ADJ LM2577-ADJ
Units
Symbol
Parameter
Conditions
Typical
Limit
Limit
(Limits)
(Notes 3, 4)
(Note 5)
DEVICE PARAMETERS
I
L
Switch Leakage
V
SWITCH = 65V
10
µA
Current
V
FEEDBACK = 1.5V (Switch Off)
300/600
300/600
µA(max)
V
SAT
Switch Saturation
I
SWITCH = 2.0A
0.5
V
Voltage
V
COMP = 2.0V (Max Duty Cycle)
0.7/0.9
0.7/0.9
V(max)
NPN Switch
V
COMP = 2.0V
4.3
A
Current Limit
3.7/3.0
3.7/3.0
A(min)
5.3/6.0
5.3/6.0
A(max)
THERMAL PARAMETERS (All Versions)
θ
JA
Thermal Resistance
K Package, Junction to Ambient
35
˚C/W
θ
JC
K Package, Junction to Case
1.5
θ
JA
T Package, Junction to Ambient
65
θ
JC
T Package, Junction to Case
2
θ
JA
N Package, Junction to
85
Ambient (Note 8)
θ
JA
M Package, Junction
100
to Ambient (Note 8)
θ
JA
S Package, Junction to
37
Ambient (Note 9)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions the device is intended to
be functional, but device parameter specifications may not be guaranteed under these conditions. For guaranteed specifications and test conditions, see the Electrical
Characteristics.
Note 2: Due to timing considerations of the LM1577/LM2577 current limit circuit, output current cannot be internally limited when the LM1577/LM2577 is used as a
step-up regulator. To prevent damage to the switch, its current must be externally limited to 6.0A. However, output current is internally limited when the LM1577/
LM2577 is used as a flyback or forward converter regulator in accordance to the Application Hints.
Note 3: All limits guaranteed at room temperature (standard type face) and at temperature extremes (boldface type). All limits are used to calculate Outgoing Quality
Level, and are 100% production tested.
Note 4: A military RETS electrical test specification is available on request. At the time of printing, the LM1577K-12/883, LM1577K-15/883, and LM1577K-ADJ/883
RETS specifications complied fully with the boldface limits in these columns. The LM1577K-12/883, LM1577K-15/883, and LM1577K-ADJ/883 may also be procured
to Standard Military Drawing specifications.
Note 5: All limits guaranteed at room temperature (standard type face) and at temperature extremes (boldface type). All room temperature limits are 100% produc-
tion tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
Note 6: External components such as the diode, inductor, input and output capacitors can affect switching regulator performance. When the LM1577/LM2577 is used
as shown in the Test Circuit, system performance will be as specified by the system parameters.
Note 7: A 1.0 M
Ω resistor is connected to the compensation pin (which is the error amplifier’s output) to ensure accuracy in measuring AVOL. In actual applications,
this pin’s load resistance should be
≥10 MΩ, resulting in AVOL that is typically twice the guaranteed minimum limit.
Note 8: Junction to ambient thermal resistance with approximately 1 square inch of pc board copper surrounding the leads. Additional copper area will lower thermal
resistance further. See thermal model in “Switchers Made Simple” software.
Note 9: If the TO-263 package is used, the thermal resistance can be reduced by increasing the PC board copper area thermally connected to the package. Using
0.5 square inches of copper area,
θJA is 50˚C/W; with 1 square inch of copper area, θJA is 37˚C/W; and with 1.6 or more square inches of copper area, θJA is 32˚C/W.
www.national.com
6


Similar Part No. - LM1577K-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1577K-883 NSC-LM1577K-883 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
More results

Similar Description - LM1577K-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1577 NSC-LM1577 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
logo
Texas Instruments
UC2577 TI-UC2577 Datasheet
179Kb / 8P
[Old version datasheet]   Simple Step-Up Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Texas Instruments
UC2577-ADJ TI1-UC2577-ADJ_12 Datasheet
703Kb / 14P
[Old version datasheet]   Simple Step-Up Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
National Semiconductor ...
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com