Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1577KADJ Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1577KADJ
Description  SIMPLE SWITCHER-R Step-Up Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1577KADJ Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM1577KADJ Datasheet HTML 1Page - National Semiconductor (TI) LM1577KADJ Datasheet HTML 2Page - National Semiconductor (TI) LM1577KADJ Datasheet HTML 3Page - National Semiconductor (TI) LM1577KADJ Datasheet HTML 4Page - National Semiconductor (TI) LM1577KADJ Datasheet HTML 5Page - National Semiconductor (TI) LM1577KADJ Datasheet HTML 6Page - National Semiconductor (TI) LM1577KADJ Datasheet HTML 7Page - National Semiconductor (TI) LM1577KADJ Datasheet HTML 8Page - National Semiconductor (TI) LM1577KADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Electrical Characteristics — LM1577-15, LM2577-15 (Continued)
Specifications with standard type face are for T
J = 25˚C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, V
IN = 5V, and ISWITCH = 0.
LM1577-15
LM2577-15
Units
Symbol
Parameter
Conditions
Typical
Limit
Limit
(Limits)
(Notes 3, 4)
(Note 5)
DEVICE PARAMETERS
Undervoltage
2.70/2.65
2.70/2.65
V(min)
Lockout
3.10/3.15
3.10/3.15
V(max)
f
O
Oscillator Frequency
Measured at Switch Pin
52
kHz
I
SWITCH = 100 mA
48/42
48/42
kHz(min)
56/62
56/62
kHz(max)
V
REF
Output Reference
Measured at Feedback Pin
V
Voltage
V
IN = 3.5V to 40V
15
14.70/14.55
14.70/14.55
V(min)
V
COMP = 1.0V
15.30/15.45
15.30/15.45
V(max)
Output Reference
V
IN = 3.5V to 40V
10
mV
Voltage Line Regulation
R
FB
Feedback Pin Input
12.2
k
Voltage Line Regulator
G
M
Error Amp
I
COMP = −30 µA to +30 µA
300
µmho
Transconductance
V
COMP = 1.0V
170/110
170/110
µmho(min)
420/500
420/500
µmho(max)
A
VOL
Error Amp
V
COMP = 1.1V to 1.9V
65
V/V
Voltage Gain
R
COMP = 1.0 MΩ
40/20
40/20
V/V(min)
(Note 7)
Error Amplifier
Upper Limit
2.4
V
Output Swing
V
FEEDBACK = 12.0V
2.2/2.0
2.2/2.0
V(min)
Lower Limit
0.3
V
V
FEEDBACK = 18.0V
0.4/0.55
0.40/0.55
V(max)
Error Amp
V
FEEDBACK = 12.0V to 18.0V
±200
µA
Output Current
V
COMP = 1.0V
±130/±90
±130/±90
µA(min)
±300/±400
±300/±400
µA(max)
I
SS
Soft Start Current
V
FEEDBACK = 12.0V
5.0
µA
V
COMP = 0V
2.5/1.5
2.5/1.5
µA(min)
7.5/9.5
7.5/9.5
µA(max)
D
Maximum Duty
V
COMP = 1.5V
95
%
Cycle
I
SWITCH = 100 mA
93/90
93/90
%(min)
Switch
Transconductance
12.5
A/V
I
L
Switch Leakage
V
SWITCH = 65V
10
µA
Current
V
FEEDBACK = 18.0V
300/600
300/600
µA(max)
(Switch Off)
V
SAT
Switch Saturation
I
SWITCH = 2.0A
0.5
V
Voltage
V
COMP = 2.0V
0.7/0.9
0.7/0.9
V(max)
(Max Duty Cycle)
NPN Switch
V
COMP = 2.0V
4.3
A
Current Limit
3.7/3.0
3.7/3.0
A(min)
5.3/6.0
5.3/6.0
A(max)
www.national.com
4


Similar Part No. - LM1577KADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1577K-883 NSC-LM1577K-883 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
More results

Similar Description - LM1577KADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1577 NSC-LM1577 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
logo
Texas Instruments
UC2577 TI-UC2577 Datasheet
179Kb / 8P
[Old version datasheet]   Simple Step-Up Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Texas Instruments
UC2577-ADJ TI1-UC2577-ADJ_12 Datasheet
703Kb / 14P
[Old version datasheet]   Simple Step-Up Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
National Semiconductor ...
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com