Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HOA1885-013 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HOA1885-013
Description  Transmissive Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HOA1885-013 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HOA1885-013 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HOA1885-013 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HOA1885-013 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HOA1885-013 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transmissive Sensor
HOA1885
DESCRIPTION
FEATURES
Choice of phototransistor or photodarlington
output
High profile package for raised optical centerline
Ambient light and dust protective filter
0.200 in.(5.08 mm) slot width
The HOA1885 series consists of an infrared emitting
diode facing an NPN silicon phototransistor
(HOA1885- 011, - 012) or photodarlington
(HOA1885- 013) encased in a black thermoplastic
housing with IR transmissive inserts which form the
optical windows. This arrangement provides excellent
protection against ambient light while eliminating
aperture openings which could be clogged by airborne
contaminants. The high profile package raises the
optical centerline to a nominal height of 0.063 in.(16.0
mm) from the mounting plane. This is a significant
feature for applications in which surrounding
components might interfere with the interrupting
element if the optical centerline were lower. Detector
switching takes place whenever an opaque object
passes through the slot between emitter and detector.
The HOA1885 series employs plastic molded
components and has a 0.050 in.(1.27 mm) x 0.060
in.(1.52 mm) vertical aperture in front of the detector.
For additional component information see
SEP8506/8706, SDP8406, and SDP8106.
Housing material is polycarbonate. Housings are
soluble in chlorinated hydrocarbons and ketones.
Recommended cleaning agents are methanol and
isopropanol.
.250(6.35)
.200(5.08)
.600(15.24)
.200(5.08)
.450(11.43)
.120(3.05) MIN.
.400(10.16)
.020(.51)
SQ. LEADS
TYP.
.719(18.26)
.059(1.50)
.630(16.10)
OPTICALC
L
CATHODE
ANODE
EMITTER
COLLECTOR
.040(1.01)
2 PLCS
.100(2.54)
DIM_055.ds4
INFRA-69.TIF
OUTLINE DIMENSIONS in inches (mm)
3 plc decimals
±0.010(0.25)
Tolerance
2 plc decimals
±0.020(0.51)
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.
h
330


Similar Part No. - HOA1885-013

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HOA1881 HONEYWELL-HOA1881 Datasheet
305Kb / 4P
   Transmissive Sensor
HOA1881-011 HONEYWELL-HOA1881-011 Datasheet
305Kb / 4P
   Transmissive Sensor
HOA1881-012 HONEYWELL-HOA1881-012 Datasheet
305Kb / 4P
   Transmissive Sensor
HOA1881-013 HONEYWELL-HOA1881-013 Datasheet
305Kb / 4P
   Transmissive Sensor
HOA1882 HONEYWELL-HOA1882 Datasheet
281Kb / 4P
   Transmissive Sensor
More results

Similar Description - HOA1885-013

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HOA2862-002 HONEYWELL-ACC-HOA2862-002 Datasheet
383Kb / 4P
   Transmissive Sensor
logo
Honeywell Solid State E...
HOA1873 HONEYWELL-HOA1873 Datasheet
300Kb / 4P
   Transmissive Sensor
logo
Honeywell Accelerometer...
HOA0882-T55 HONEYWELL-ACC-HOA0882-T55 Datasheet
326Kb / 4P
   Transmissive Sensor
logo
Honeywell Solid State E...
HOA086X HONEYWELL-HOA086X Datasheet
491Kb / 4P
   Transmissive Sensor
HOA1881 HONEYWELL-HOA1881 Datasheet
305Kb / 4P
   Transmissive Sensor
HOA1887 HONEYWELL-HOA1887 Datasheet
312Kb / 4P
   Transmissive Sensor
HOA1886 HONEYWELL-HOA1886 Datasheet
278Kb / 4P
   Transmissive Sensor
HOA1883 HONEYWELL-HOA1883 Datasheet
284Kb / 4P
   Transmissive Sensor
logo
Honeywell Accelerometer...
HOA0881-L55 HONEYWELL-ACC-HOA0881-L55 Datasheet
442Kb / 4P
   Transmissive Sensor
logo
Honeywell Solid State E...
HOA1874 HONEYWELL-HOA1874 Datasheet
303Kb / 4P
   Transmissive Sensor
HOA1875 HONEYWELL-HOA1875 Datasheet
306Kb / 4P
   Transmissive Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com