Electronic Components Datasheet Search |
|
R3111H471A Datasheet(PDF) 7 Page - RICOH electronics devices division |
|
R3111H471A Datasheet(HTML) 7 Page - RICOH electronics devices division |
7 / 20 page Rev.1.10 - 7 - q R3111x451A/C Topt=25 °C Symbol Item Conditions MIN. TYP. MAX. Unit -VDET Detector Threshold 4.410 4.500 4.590 V VHYS Detector Threshold Hysteresis 0.135 0.225 0.315 V ISS Supply Current VDD=4.34V 6.50V 1.1 1.3 3.3 3.9 µA VDDH Maximum Operating Voltage 10 V Topt=25 °C 0.55 0.70 VDDL Minimum Operating Voltage* Note1 -40 °C≤Topt≤85°C 0.65 0.80 V Nch VDS=0.05V,VDD=0.70V VDS=0.50V,VDD=1.50V 0.01 1.00 0.05 2.00 mA IOUT Output Current (Driver Output Pin) Pch VDS=-2.1V,VDD=8.0V 1.5 3.0 mA tPLH Output Delay Time* Note2 100 µs ∆-VDET/∆T Detector Threshold Temperature Coefficient -40 °C≤Topt≤85°C ±100 ppm/ °C q R3111x541A/C Topt=25 °C Symbol Item Conditions MIN. TYP. MAX. Unit -VDET Detector Threshold 5.292 5.400 5.508 V VHYS Detector Threshold Hysteresis 0.162 0.270 0.378 V ISS Supply Current VDD=5.20V 7.40V 1.2 1.4 3.6 4.2 µA VDDH Maximum Operating Voltage 10 V Topt=25 °C 0.55 0.70 VDDL Minimum Operating Voltage* Note1 -40 °C≤Topt≤85°C 0.65 0.80 V Nch VDS=0.05V,VDD=0.70V VDS=0.50V,VDD=1.50V 0.01 1.00 0.05 2.00 mA IOUT Output Current (Driver Output Pin) Pch VDS=-2.1V,VDD=8.0V 1.5 3.0 mA tPLH Output Delay Time* Note2 100 µs ∆-VDET/∆T Detector Threshold Temperature Coefficient -40 °C≤Topt≤85°C ±100 ppm/ °C *Note1: Minimum Operating Voltage means the value of input voltage when output voltage maintains 0.1V or less. (In the case of Nch Open Drain Type, Output pin is pulled up with a resistance of 470k Ω to 5.0V.) *Note2: In the case of CMOS Output Type: The time interval between the rising edge of VDD input pulse from 0.7V to (+VDET)+2.0V and output voltage level becoming to VDD/2. In the case of Nch Open Drain Output Type: Output pin is pulled up with a resistance of 470k Ω to 5.0V, The time interval between the rising edge of VDD input pulse from 0.7V to (+VDET)+2.0V and output voltage level becoming to 2.5V. |
Similar Part No. - R3111H471A |
|
Similar Description - R3111H471A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |