Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3117 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN3117
Description  RF modulator IC for VCR and VDP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3117 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN3117 Datasheet HTML 1Page - Panasonic Semiconductor AN3117 Datasheet HTML 2Page - Panasonic Semiconductor AN3117 Datasheet HTML 3Page - Panasonic Semiconductor AN3117 Datasheet HTML 4Page - Panasonic Semiconductor AN3117 Datasheet HTML 5Page - Panasonic Semiconductor AN3117 Datasheet HTML 6Page - Panasonic Semiconductor AN3117 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Other ICs for Video
1
AN3117S, AN3117SA
RF modulator IC for VCR and VDP
s Overview
The AN3117S and AN3117SA are RF modulator ICs
for VCR and VDP. They provide excellent high frequency
characteristics by adopting the high performance RF os-
cillation circuit.
s Features
• Excellent in higher harmonic characteristics of RF
• Excellent in higher harmonic characteristics of sound
sub-carrier by the 1 MIX system
• Sharp white clip characteristics
• Suitable RF-MOD IC for the USA and Japan specifica-
tions
• Video AM modulator
• RF carrier oscillator
• White clip
• Channel changeover SW
• Sound FM modulator
• ANT SW driver
• Carrier off SW
• Available also the SSOP package (0.65 mm pitch)
s Applications
• Video deck, video disk player, set top box for CATV,
game machine
s Block Diagram
SOP016-P-0225A
AN3117S
Unit: mm
SSOP016-P-0225A
AN3117SA
Unit: mm
18
0.5
±0.2
(1.0)
0
° to 10°
16
5.0
±0.2
9
0.65
(0.225)
0.22
+0.10
− 0.05
Seating plane
0.3
(0
° to 10°)
10.1±0.3
18
16
9
1.27
(0.605)
Seating plane
Seating plane
0.40±0.25
FM
mod.
Channel
SW
Pre
amp.
RF
OSC
Buff.
White
clip
Video
clamp
MIX
RF
amp.
ANT SW
driver


Similar Part No. - AN3117

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3117 STMICROELECTRONICS-AN3117 Datasheet
421Kb / 28P
   This application note describes how to use the direct memory access
More results

Similar Description - AN3117

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA11560 HITACHI-HA11560 Datasheet
61Kb / 10P
   VCR/VDP RF Modulator
logo
Toshiba Semiconductor
TA8637BP TOSHIBA-TA8637BP_01 Datasheet
358Kb / 10P
   VHF MODULATOR FOR VCR OR VDP
TA8637BF TOSHIBA-TA8637BF_01 Datasheet
344Kb / 10P
   VHF MODULATOR FOR VCR OR VDP
TA1297AFN TOSHIBA-TA1297AFN Datasheet
620Kb / 18P
   RF MODULATOR FOR VCR
TA1243CF TOSHIBA-TA1243CF Datasheet
573Kb / 18P
   RF MODULATOR FOR VCR
TA1243CFN TOSHIBA-TA1243CFN Datasheet
568Kb / 18P
   RF MODULATOR FOR VCR
TA1297AFN TOSHIBA-TA1297AFN_01 Datasheet
643Kb / 19P
   RF MODULATOR FOR VCR
TA8637BF TOSHIBA-TA8637BF Datasheet
298Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT(VHF MODULATOR FOR VCR OR VDP)
TA8637BP TOSHIBA-TA8637BP Datasheet
308Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT(VHF MODULATOR FOR VCR OR VDP)
logo
Sony Corporation
CXA1733N SONY-CXA1733N Datasheet
339Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com