Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMN-A10X Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HSMN-A10X
Description  Surface Mount LED Indicator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMN-A10X Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HSMN-A10X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMN-A10X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMN-A10X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMN-A10X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMN-A10X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMN-A10X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMN-A10X Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMN-A10X Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSMN-A10X Datasheet HTML 13Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Figure 11. Tape leader and trailer dimensions.
200 mm MIN. FOR
∅180 REEL.
200 mm MIN. FOR
∅330 REEL.
TRAILER
COMPONENT
LEADER
480 mm MIN. FOR
∅180 REEL.
960 mm MIN. FOR
∅330 REEL.
C
A
USER FEED DIRECTION
Figure 12. Tape dimensions.
C
A
4 ± 0.1
4 ± 0.1
2 ± 0.05
3.05 ± 0.1
3.5 ± 0.05
8
+0.3
–0.1
1.75 ± 0.1
3.81 ± 0.1
2.29 ± 0.1
0.229 ± 0.01
∅1.5
+0.1
–0
∅1
+0.1
–0


Similar Part No. - HSMN-A10X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMN-A10X HP-HSMN-A10X Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMN-A10X BOARDCOM-HSMN-A10X Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
More results

Similar Description - HSMN-A10X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
HSMC-A430 AVAGO-HSMC-A430 Datasheet
318Kb / 11P
   Surface Mount LED Indicator
ASMT-SWBM-NXXXX AVAGO-ASMT-SWBM-NXXXX Datasheet
370Kb / 9P
   Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com