Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12QS065EVAL Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12QS065EVAL
Description  Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12QS065EVAL Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC12QS065EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC12QS065EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC12QS065EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC12QS065EVAL Datasheet HTML 9Page - National Semiconductor (TI) ADC12QS065EVAL Datasheet HTML 10Page - National Semiconductor (TI) ADC12QS065EVAL Datasheet HTML 11Page - National Semiconductor (TI) ADC12QS065EVAL Datasheet HTML 12Page - National Semiconductor (TI) ADC12QS065EVAL Datasheet HTML 13Page - National Semiconductor (TI) ADC12QS065EVAL Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Specification Definitions
APERTURE DELAY is the time after the rising edge of the
clock to when the input signal is acquired or held for conver-
sion.
APERTURE JITTER (APERTURE UNCERTAINTY) is the
variation in aperture delay from sample to sample. Aperture
jitter manifests itself as noise in the output.
CLOCK DUTY CYCLE is the ratio of the time during one
cycle that a repetitive digital waveform is high to the total
time of one period. The specification here refers to the ADC
clock input signal.
COMMON MODE VOLTAGE (V
CM) is the common d.c. volt-
age applied to both input terminals of the ADC.
CONVERSION LATENCY is the number of clock cycles
between initiation of conversion and when that data is pre-
sented to the output driver stage. Data for any given sample
is available at the output pins the Pipeline Delay plus the
Output Delay after the sample is taken. New data is available
at every clock cycle, but the data lags the conversion by the
pipeline delay.
CROSSTALK is coupling of energy from one channel into
the other channel.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of
the maximum deviation from the ideal step size of 1 LSB.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE
BITS) is another method of specifying Signal-to-Noise and
Distortion or SINAD. ENOB is defined as (SINAD - 1.76) /
6.02 and says that the converter is equivalent to a perfect
ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH is a measure of the frequency
at which the reconstructed output fundamental drops 3 dB
below its low frequency value for a full scale input.
GAIN ERROR is the deviation from the ideal slope of the
transfer function. It can be calculated as:
Gain Error = Positive Full Scale Error − Negative Full
Scale Error
Gain Error can also be separated into Positive Gain Error
and Negative Gain Error, which are:
PGE = Positive Full Scale Error − Offset Error
NGE = Offset Error − Negative Full Scale Error
GAIN ERROR MATCHING is the difference in gain errors
between the two converters divided by the average gain of
the converters.
INTEGRAL NON LINEARITY (INL) is a measure of the
deviation of each individual code from a line drawn from
negative full scale (12 LSB below the first code transition)
through positive full scale (12 LSB above the last code
transition). The deviation of any given code from this straight
line is measured from the center of that code value.
INTERMODULATION DISTORTION (IMD) is the creation of
additional spectral components as a result of two sinusoidal
frequencies being applied to the ADC input at the same time.
It is defined as the ratio of the power in the intermodulation
products to the total power in the original frequencies. IMD is
usually expressed in dBFS.
LSB (LEAST SIGNIFICANT BIT) is the bit that has the
smallest value or weight of all bits. This value is V
REF/2
n,
where “n” is the ADC resolution in bits, which is 12 in the
case of the ADC12QS065.
MISSING CODES are those output codes that will never
appear at the ADC outputs. The ADC12QS065 is guaranteed
not to have any missing codes.
MSB (MOST SIGNIFICANT BIT) is the bit that has the
largest value or weight. Its value is one half of full scale.
NEGATIVE FULL SCALE ERROR is the difference between
the actual first code transition and its ideal value of 12 LSB
above negative full scale.
OFFSET ERROR is the difference between the two input
voltages [(V
IN+) – (VIN−)] required to cause a transition from
code 2047 to 2048.
OUTPUT DELAY is the time delay after the rising edge of
the clock before the data update is presented at the output
pins.
OVER RANGE RECOVERY TIME is the time required after
V
IN goes from a specified voltage out of the normal input
range to a specified voltage within the normal input range
and the converter makes a conversion with its rated accu-
racy.
PIPELINE DELAY (LATENCY) See CONVERSION LA-
TENCY.
POSITIVE FULL SCALE ERROR is the difference between
the actual last code transition and its ideal value of 112 LSB
below positive full scale.
POWER SUPPLY REJECTION RATIO (PSRR) is a mea-
sure of how well the ADC rejects a change in the power
supply voltage. For the ADC12QS065, PSRR1 is the ratio of
the change in Full-Scale Error that results from a change in
the d.c. power supply voltage, expressed in dB. PSRR2 is a
measure of how well an a.c. signal riding upon the power
supply is rejected at the output.
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in
dB, of the rms value of the input signal to the rms value of the
sum of all other spectral components below one-half the
sampling frequency, not including harmonics or d.c.
SIGNAL TO NOISE PLUS DISTORTION (S/N+D or SINAD)
Is the ratio, expressed in dB, of the rms value of the input
signal to the rms value of all of the other spectral compo-
nents below half the clock frequency, including harmonics
but excluding d.c.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the differ-
ence, expressed in dB, between the rms values of the input
signal and the peak spurious signal, where a spurious signal
is any signal present in the output spectrum that is not
present at the input.
TOTAL HARMONIC DISTORTION (THD) is the ratio, ex-
pressed in dB, of the rms total of the first nine harmonic
levels at the output to the level of the fundamental at the
output. THD is calculated as
where f
1 is the RMS power of the fundamental (output)
frequency and f
2 through f10 are the RMS power of the first
9 harmonic frequencies in the output spectrum.
SECOND HARMONIC DISTORTION (2ND HARM) is the
difference expressed in dB, between the RMS power in the
input frequency at the output and the power in its 2nd
harmonic level at the output.
THIRD HARMONIC DISTORTION (3RD HARM) is the dif-
ference, expressed in dB, between the RMS power in the
input frequency at the output and the power in its 3rd har-
monic level at the output.
www.national.com
10


Similar Part No. - ADC12QS065EVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12QS065 TI1-ADC12QS065 Datasheet
1Mb / 33P
[Old version datasheet]   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
ADC12QS065CISQ/NOPB TI1-ADC12QS065CISQ/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   MSPS A/D Converter
ADC12QS065 TI1-ADC12QS065_14 Datasheet
1Mb / 33P
[Old version datasheet]   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
ADC12QS065 TI1-ADC12QS065_15 Datasheet
1Mb / 34P
[Old version datasheet]   MSPS A/D Converter
More results

Similar Description - ADC12QS065EVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12QS065 TI1-ADC12QS065_14 Datasheet
1Mb / 33P
[Old version datasheet]   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
logo
Analog Devices
AD9229 AD-AD9229 Datasheet
471Kb / 15P
   Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
Rev. PrF 10/06/2003
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com