Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3111Q521A Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R3111Q521A
Description  LOW VOLTAGE DETECTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3111Q521A Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R3111Q521A Datasheet HTML 2Page - RICOH electronics devices division R3111Q521A Datasheet HTML 3Page - RICOH electronics devices division R3111Q521A Datasheet HTML 4Page - RICOH electronics devices division R3111Q521A Datasheet HTML 5Page - RICOH electronics devices division R3111Q521A Datasheet HTML 6Page - RICOH electronics devices division R3111Q521A Datasheet HTML 7Page - RICOH electronics devices division R3111Q521A Datasheet HTML 8Page - RICOH electronics devices division R3111Q521A Datasheet HTML 9Page - RICOH electronics devices division R3111Q521A Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Rev.1.10
- 6 -
q
R3111x271A/C
Topt=25
°C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
-VDET
Detector Threshold
2.646
2.700
2.754
V
VHYS
Detector Threshold Hysteresis
0.081
0.135
0.189
V
ISS
Supply Current
VDD=2.60V
4.70V
0.9
1.1
2.7
3.3
µA
VDDH
Maximum Operating Voltage
10
V
Topt=25
°C
0.55
0.70
VDDL
Minimum Operating
Voltage*
Note1
-40
°C≤Topt≤85°C
0.65
0.80
V
Nch
VDS=0.05V,VDD=0.70V
VDS=0.50V,VDD=1.50V
0.01
1.00
0.05
2.00
mA
IOUT
Output Current
(Driver Output Pin)
Pch
VDS=-2.1V,VDD=4.5V
1.0
2.0
mA
tPLH
Output Delay Time*
Note2
100
µs
∆-VDET/∆T
Detector Threshold Temperature
Coefficient
-40
°C≤Topt≤85°C
±100
ppm/
°C
q
R3111x361A/C
Topt=25
°C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
-VDET
Detector Threshold
3.528
3.600
3.672
V
VHYS
Detector Threshold Hysteresis
0.108
0.180
0.252
V
ISS
Supply Current
VDD=3.47V
5.60V
1.0
1.2
3.0
3.6
µA
VDDH
Maximum Operating Voltage
10
V
Topt=25
°C
0.55
0.70
VDDL
Minimum Operating
Voltage*
Note1
-40
°C≤Topt≤85°C
0.65
0.80
V
Nch
VDS=0.05V,VDD=0.70V
VDS=0.50V,VDD=1.50V
0.01
1.00
0.05
2.00
mA
IOUT
Output Current
(Driver Output Pin)
Pch
VDS=-2.1V,VDD=4.5V
1.0
2.0
mA
tPLH
Output Delay Time*
Note2
100
µs
∆-VDET/∆T
Detector Threshold Temperature
Coefficient
-40
°C≤Topt≤85°C
±100
ppm/
°C


Similar Part No. - R3111Q521A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111Q521A RICOH-R3111Q521A Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
More results

Similar Description - R3111Q521A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com