Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLLZ6V8 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TCLLZ6V8
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TCLLZ6V8 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TCLLZ6V8 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCLLZ6V8 Datasheet HTML 3Page - List of Unclassifed Manufacturers TCLLZ6V8 Datasheet HTML 4Page - List of Unclassifed Manufacturers TCLLZ6V8 Datasheet HTML 5Page - List of Unclassifed Manufacturers TCLLZ6V8 Datasheet HTML 6Page - List of Unclassifed Manufacturers TCLLZ6V8 Datasheet HTML 7Page - List of Unclassifed Manufacturers TCLLZ6V8 Datasheet HTML 8Page - List of Unclassifed Manufacturers TCLLZ6V8 Datasheet HTML 9Page - List of Unclassifed Manufacturers TCLLZ6V8 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
March 2003 / B
Page 3
SEMICONDUCTOR
TAK CHEONG
®
LL-34 (Mini-MELF) Tape & Reel Packaging Information
Label
Antistatic Cover Tape
Static Dissipative Embossed
Carrier Tape
Cathode
Label
LL34 UNIT ORIENTATION
Carrier Tape
Cover Tape
Trailer Tape
80mm minimum or
20 empty pockets.
Leader Tape
500mm minimum or
125 empty pockets.
Components
Packaging Description:
LL34 parts are shipped in tape and reel.
The carrier tape is made from a dissipative
(carton filled) polycarbonate resin. The
cover tape is a multiplayer film (Heat
Activated Adhesive in nature) primarily
composed of polyester film, adhesive layer,
sealant, and anti-static sprayed agent.
These reeled parts in standard option are
shipped with 2,500 units per 7” or 178cm
diameter reel. The reels are blue in color
and made of recyclable plastic. Other
option comes in 10,000 units per 13” or
330cm diameter reel
LL-34 Packaging Outline
LL-34 Leader and Trailer


Similar Part No. - TCLLZ6V8

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLLZ6V8 TAK_CHEONG-TCLLZ6V8 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ6V8 TAK_CHEONG-TCLLZ6V8 Datasheet
446Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Guangdong Juxing Electr...
TCLLZ6V8 JUXING-TCLLZ6V8 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
More results

Similar Description - TCLLZ6V8

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com