Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3111Q541A Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R3111Q541A
Description  LOW VOLTAGE DETECTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3111Q541A Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R3111Q541A Datasheet HTML 4Page - RICOH electronics devices division R3111Q541A Datasheet HTML 5Page - RICOH electronics devices division R3111Q541A Datasheet HTML 6Page - RICOH electronics devices division R3111Q541A Datasheet HTML 7Page - RICOH electronics devices division R3111Q541A Datasheet HTML 8Page - RICOH electronics devices division R3111Q541A Datasheet HTML 9Page - RICOH electronics devices division R3111Q541A Datasheet HTML 10Page - RICOH electronics devices division R3111Q541A Datasheet HTML 11Page - RICOH electronics devices division R3111Q541A Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Rev.1.10
- 8 -
s ELECTRICAL CHARACTERISRICS BY DETECTOR THRESHOLD
q
R3111x09x to R3111x60x
Detector Threshold
Detector Threshold
Hysteresis
Supply Current 1
Supply Current 2
Part
Number
-VDET[V]
VHYS[V]
ISS1[
µA]
ISS2[
µA]
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
Condition
TYP.
MAX.
Condition
TYP.
MAX.
R3111x091x
0.882
0.900
0.918
0.027
0.045
0.063
0.9
2.7
R3111x101x
0.980
1.000
1.020
0.030
0.050
0.070
R3111x111x
1.078
1.100
1.122
0.033
0.055
0.077
R3111x121x
1.176
1.200
1.224
0.036
0.060
0.084
R3111x131x
1.274
1.300
1.326
0.039
0.065
0.091
R3111x141x
1.372
1.400
1.428
0.042
0.070
0.098
R3111x151x
1.470
1.500
1.530
0.045
0.075
0.105
R3111x161x
1.568
1.600
1.632
0.048
0.080
0.112
R3111x171x
1.666
1.700
1.734
0.051
0.085
0.119
R3111x181x
1.764
1.800
1.836
0.054
0.090
0.126
R3111x191x
1.862
1.900
1.938
0.057
0.095
0.133
0.8
2.4
1.0
3.0
R3111x201x
1.960
2.000
2.040
0.060
0.100
0.140
R3111x211x
2.058
2.100
2.142
0.063
0.105
0.147
R3111x221x
2.156
2.200
2.244
0.066
0.110
0.154
R3111x231x
2.254
2.300
2.346
0.069
0.115
0.161
R3111x241x
2.352
2.400
2.448
0.072
0.120
0.168
R3111x251x
2.450
2.500
2.550
0.075
0.125
0.175
R3111x261x
2.548
2.600
2.652
0.078
0.130
0.182
R3111x271x
2.646
2.700
2.754
0.081
0.135
0.189
R3111x281x
2.744
2.800
2.856
0.084
0.140
0.196
R3111x291x
2.842
2.900
2.958
0.087
0.145
0.203
VDD=
(-VDET)
-0.10V
0.9
2.7
1.1
3.3
R3111x301x
2.940
3.000
3.060
0.090
0.150
0.210
R3111x311x
3.038
3.100
3.162
0.093
0.155
0.217
R3111x321x
3.136
3.200
3.264
0.096
0.160
0.224
R3111x331x
3.234
3.300
3.366
0.099
0.165
0.231
R3111x341x
3.332
3.400
3.468
0.102
0.170
0.238
R3111x351x
3.430
3.500
3.570
0.105
0.175
0.245
R3111x361x
3.528
3.600
3.672
0.108
0.180
0.252
R3111x371x
3.626
3.700
3.774
0.111
0.185
0.259
R3111x381x
3.724
3.800
3.876
0.114
0.190
0.266
R3111x391x
3.822
3.900
3.978
0.117
0.195
0.273
VDD=
(-VDET)
-0.13V
1.0
3.0
1.2
3.6
R3111x401x
3.920
4.000
4.080
0.120
0.200
0.280
R3111x411x
4.018
4.100
4.182
0.123
0.205
0.287
R3111x421x
4.116
4.200
4.284
0.126
0.210
0.294
R3111x431x
4.214
4.300
4.386
0.129
0.215
0.301
R3111x441x
4.312
4.400
4.488
0.132
0.220
0.308
R3111x451x
4.410
4.500
4.590
0.135
0.225
0.315
R3111x461x
4.508
4.600
4.692
0.138
0.230
0.322
R3111x471x
4.606
4.700
4.794
0.141
0.235
0.329
R3111x481x
4.704
4.800
4.896
0.144
0.240
0.336
R3111x491x
4.802
4.900
4.998
0.147
0.245
0.343
VDD=
(-VDET)
-0.16V
1.1
3.3
1.3
3.9
R3111x501x
4.900
5.000
5.100
0.150
0.250
0.350
R3111x511x
4.998
5.100
5.202
0.153
0.255
0.357
R3111x521x
5.096
5.200
5.304
0.156
0.260
0.364
R3111x531x
5.194
5.300
5.406
0.159
0.265
0.371
R3111x541x
5.292
5.400
5.508
0.162
0.270
0.378
R3111x551x
5.390
5.500
5.610
0.165
0.275
0.385
R3111x561x
5.488
5.600
5.712
0.168
0.280
0.392
R3111x571x
5.586
5.700
5.814
0.171
0.285
0.399
R3111x581x
5.684
5.800
5.916
0.174
0.290
0.406
R3111x591x
5.782
5.900
6.018
0.177
0.295
0.413
R3111x601x
5.880
6.000
6.120
0.180
0.300
0.420
VDD=
(-VDET)
-0.20V
1.2
3.6
VDD=
(-VDET)
+2.0V
1.4
4.2
Note 1:In the case of CMOS Output parts; when the voltage is forced to VDD from 0.7V to (+VDET)+2.0V, time interval between the rising edge of VDD and
the reaching point at 50% of Output Voltage. In the case of Nch open Drain Output parts : Output pin is pulled up to 5V through 470k
Ω,and when
the voltage is forced to VDD from 0.7V to (+VDET)+2.0V, time interval between the rising edge of VDD and the reaching point ar 50% of Output
Voltage.
Note 2:VDD value when Output Voltage is equal or less than 0.1V. In the case of Nch Open Drain Output parts, Output pin is pulled up to 5V through
470k
Ω resistor.
Condition 1: Topt=25
°C
Condition 2: -40
°C≤Topt≤85°C


Similar Part No. - R3111Q541A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111Q541A RICOH-R3111Q541A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111Q541A RICOH-R3111Q541A Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111Q541A-T1 RICOH-R3111Q541A-T1 Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111Q541A-TR RICOH-R3111Q541A-TR Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111Q541A-TZ RICOH-R3111Q541A-TZ Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
More results

Similar Description - R3111Q541A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com