Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3358SH Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN3358SH
Description  2-head recording and playback amplifier IC for 8 mm video camera
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3358SH Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN3358SH Datasheet HTML 1Page - Panasonic Semiconductor AN3358SH Datasheet HTML 2Page - Panasonic Semiconductor AN3358SH Datasheet HTML 3Page - Panasonic Semiconductor AN3358SH Datasheet HTML 4Page - Panasonic Semiconductor AN3358SH Datasheet HTML 5Page - Panasonic Semiconductor AN3358SH Datasheet HTML 6Page - Panasonic Semiconductor AN3358SH Datasheet HTML 7Page - Panasonic Semiconductor AN3358SH Datasheet HTML 8Page - Panasonic Semiconductor AN3358SH Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ICs for VCR
AN3358SH
5
Pin No.
Equivalent Circuit
Description
Pin Voltage
Remark
6
Small signal GND
7
REC curr. amp.
output pin
REC
4 V
Mute
GND
PB
GND
8
ch.2 head amp.
input pin
REC
GND
Mute
0.7 V
PB
0.7 V
9
ch.2 head amp.
damping pin
REC
2.1 V
Mute
1.4 V
PB
1.4 V
10
V-reg out
ch.2 pin
REC
4.2 V
Mute
GND
PB
GND
s Terminal Equivalent Circuits (continued)
10
10
16.7
V
CC
7
8
10
11
5
8
4.5 k
7.5 k
1.25 V
V
CC
9
8
4.5 k
7.5 k
V
CC
10
20 k


Similar Part No. - AN3358SH

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN335 SILABS-AN335 Datasheet
104Kb / 12P
   USB DRIVER INSTALLATION METHODS
logo
STMicroelectronics
AN3350 STMICROELECTRONICS-AN3350 Datasheet
1Mb / 185P
   eTPU compiler tools
AN3352 STMICROELECTRONICS-AN3352 Datasheet
1Mb / 26P
   Dual LNB power supply based on the LNBH24L
AN3353 STMICROELECTRONICS-AN3353 Datasheet
178Kb / 9P
   IEC 61000-4-2 standard testing
AN3355 STMICROELECTRONICS-AN3355 Datasheet
103Kb / 11P
   Designing an application board compatible with either
More results

Similar Description - AN3358SH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
AN3328S PANASONIC-AN3328S Datasheet
75Kb / 8P
   2-head recording and playback amplifier IC A2 for HiFi VCR
AN3389SB PANASONIC-AN3389SB Datasheet
126Kb / 11P
   Recording/Playback Amplifier IC for 4-Head VCR
AN3336SB PANASONIC-AN3336SB Datasheet
56Kb / 5P
   4-Head VCR Recording/Playback Amplifier IC
AN3341SC PANASONIC-AN3341SC Datasheet
52Kb / 4P
   6-Head VCR Recording/Playback Amplifier IC
logo
Sanyo Semicon Device
LA7375 SANYO-LA7375 Datasheet
140Kb / 7P
   Recording and Playback Amplifier for VHS Video Recorders
LA7371A SANYO-LA7371A Datasheet
447Kb / 11P
   RECORDING AND PLAYBACK AMPLIFIER FOR VHS VIDEO RECORDERS
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
   VHS VTR Playback Head Amplifier Recording Amplifier
logo
Panasonic Semiconductor
AN3375S PANASONIC-AN3375S Datasheet
62Kb / 6P
   2-head recording/playback amplifier IC V2 for a stand-alone VHS-VCR
logo
List of Unclassifed Man...
AN7317 ETC-AN7317 Datasheet
538Kb / 6P
   Dual Recording and Playback Pre-Amplifier IC for SingleDouble Cassette
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com