Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7440 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7440
Description  Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7440 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7440 Datasheet HTML 6Page - Analog Devices AD7440 Datasheet HTML 7Page - Analog Devices AD7440 Datasheet HTML 8Page - Analog Devices AD7440 Datasheet HTML 9Page - Analog Devices AD7440 Datasheet HTML 10Page - Analog Devices AD7440 Datasheet HTML 11Page - Analog Devices AD7440 Datasheet HTML 12Page - Analog Devices AD7440 Datasheet HTML 13Page - Analog Devices AD7440 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7440/AD7450A
Rev. B | Page 10 of 28
TERMINOLOGY
Signal-to-(Noise + Distortion) Ratio
This is the measured ratio of signal to (noise + distortion) at the
output of the ADC. The signal is the rms amplitude of the
fundamental. Noise is the sum of all nonfundamental signals
up to half the sampling frequency (fS/2), excluding dc. The
ratio is dependent on the number of quantization levels in the
digitization process; the more levels, the smaller the quanti-
zation noise. The theoretical signal-to-(noise + distortion) ratio
for an ideal N-bit converter with a sine wave input is given by
the following:
Signal-to-(Noise + Distortion) = (6.02N + 1.76)dB.
Thus for a 12-bit converter, this is 74 dB; and for a 10-bit
converter, this is 62 dB.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of harmonics to the
fundamental. For the AD7440/AD7450A, it is defined as
1
2
6
2
5
2
4
2
3
2
2
V
V
V
V
V
V
THD
+
+
+
+
=
log
20
)
dB
(
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5, and V6 are the rms amplitudes of the second to the sixth
harmonics.
Peak Harmonic or Spurious Noise
Peak harmonic (spurious noise) is the ratio of the rms value of
the next largest component in the ADC output spectrum (up to
fS/2 and excluding dc) to the rms value of the fundamental.
Normally, the value of this specification is determined by the
largest harmonic in the spectrum, but for ADCs where the
harmonics are buried in the noise floor, it is a noise peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies,
fa and fb, any active device with nonlinearities creates distortion
products at the sum and difference frequencies of mfa ± nfb
where m, n = 0, 1, 2, 3, and so on. Intermodulation distortion
terms are those for which neither m nor n is equal to 0. For
example, the second-order terms include (fa + fb) and (fa – fb),
while the third-order terms include (2fa + fb), (2fa – fb),
(fa + 2fb), and (fa – 2fb).
The AD7440/AD7450A is tested using the CCIF standard of
two input frequencies near the top end of the input bandwidth.
In this case, the second-order terms are distanced in frequency
from the original sine waves, while the third-order terms are at
a frequency close to the input frequencies. As a result, the
second- and third-order terms are specified separately. The
calculation of the intermodulation distortion is as per the THD
specification, where it is the ratio of the rms sum of the
individual distortion products to the rms amplitude of the sum
of the fundamentals, expressed in dB.
Aperture Delay
This is the amount of time from the leading edge of the
sampling clock until the ADC actually takes the sample.
Aperture Jitter
This is the sample-to-sample variation in the effective point in
time at which the actual sample is taken.
Full Power Bandwidth
The full power bandwidth of an ADC is the input frequency at
which the amplitude of the reconstructed fundamental is
reduced by 0.1 dB or 3 dB for a full-scale input.
Common-Mode Rejection Ratio (CMRR)
The common-mode rejection ratio is the ratio of the power
in the ADC output at full-scale frequency, f, to the power of a
100 mV p-p sine wave applied to the common-mode voltage of
VIN+ and VIN– of frequency fS as follows:
CMRR (dB) = 10 log (Pf/Pfs)
Pf is the power at the frequency f in the ADC output; Pfs is the
power at frequency fS in the ADC output.
Integral Nonlinearity (INL)
This is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function.
Differential Nonlinearity (DNL)
This is the difference between the measured and the ideal
1 LSB change between any two adjacent codes in the ADC.
Zero-Code Error
This is the deviation of the midscale code transition
(111...111 to 000...000) from the ideal VIN+ − VIN– (i.e., 0 LSB).


Similar Part No. - AD7440

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7440 AD-AD7440 Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7440 AD-AD7440 Datasheet
674Kb / 27P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7440BRM AD-AD7440BRM Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7440BRM-REEL7 AD-AD7440BRM-REEL7 Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7440BRMZ AD-AD7440BRMZ Datasheet
674Kb / 27P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results

Similar Description - AD7440

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7440 AD-AD7440_V01 Datasheet
674Kb / 27P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7440BRT AD-AD7440BRT Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com